전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BZX84C18CC 데이터시트(PDF) 5 Page - Diode Semiconductor Korea

부품명 BZX84C18CC
상세설명  SILCON PLANAR ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DSK [Diode Semiconductor Korea]
홈페이지  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BZX84C18CC 데이터시트(HTML) 5 Page - Diode Semiconductor Korea

  BZX84C18CC Datasheet HTML 1Page - Diode Semiconductor Korea BZX84C18CC Datasheet HTML 2Page - Diode Semiconductor Korea BZX84C18CC Datasheet HTML 3Page - Diode Semiconductor Korea BZX84C18CC Datasheet HTML 4Page - Diode Semiconductor Korea BZX84C18CC Datasheet HTML 5Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SILCON PLANAR ZENER DIODES
BZX84C2V4CC-BZX84C75CC
PACKAGE OUTLINE
Plastic surface mounted package
SOT-23
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device
Package
Shipping
BZX84C2V4CC-BZX84C75CC
SOT-23
3000/Tape&Reel
SOT-23
Dim
Min
Max
A
2.85
2.95
B
1.25
1.35
C
1.0Typical
D
0.37
0.43
E
0.35
0.48
G
1.85
1.95
H
0.02
0.1
J
0.1Typical
K
2.35
2.45
All Dimensions in mm
www.diode.kr
Diode Semiconductor Korea


유사한 부품 번호 - BZX84C18CC

제조업체부품명데이터시트상세설명
Shenzhen Jin Yu Semiconductor Co., Ltd.
Shenzhen Jin Yu Semicon...
BZX84C18CC HTSEMI-BZX84C18CC Datasheet
609Kb / 3P
   SILICON PLANAR ZENER DIODES
Zibo Seno Electronic Engineering Co.,Ltd
Zibo Seno Electronic En...
BZX84C18CC ZSELEC-BZX84C18CC Datasheet
131Kb / 3P
   Silicon Planar Zener Diodes
Shenzhen Jin Yu Semiconductor Co., Ltd.
Shenzhen Jin Yu Semicon...
BZX84C18CCW HTSEMI-BZX84C18CCW Datasheet
387Kb / 2P
   SILICON PLANAR ZENER DIODES
More results

유사한 설명 - BZX84C18CC

제조업체부품명데이터시트상세설명
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
1N5995 NJSEMI-1N5995 Datasheet
183Kb / 1P
   ZENER DIODE SILCON 500mW
Toshiba Semiconductor
Toshiba Semiconductor
1SV324 TOSHIBA-1SV324 Datasheet
109Kb / 2P
   DIODE SILCON EPITAXIAL PLANAR TYPE
Continental Device India Limited
Continental Device Indi...
BZM55C CDIL-BZM55C Datasheet
191Kb / 4P
   SILIICON PLANAR ZENER DIODES
CMBZ5229B CDIL-CMBZ5229B Datasheet
108Kb / 4P
   SILIICON PLANAR ZENER DIODES
Chongqing Pingwei Enterprise co.,Ltd
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
SEMTECH ELECTRONICS LTD.
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
2V0BS SEMTECH_ELEC-2V0BS Datasheet
350Kb / 6P
   SILICON PLANAR ZENER DIODES
BZT2.0HS SEMTECH_ELEC-BZT2.0HS Datasheet
362Kb / 5P
   SILICON PLANAR ZENER DIODES
Semtech Corporation
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1  2  3  4  5 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com