전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX55-16 데이터시트(PDF) 5 Page - Bruckewell Technology LTD

부품명 BCX55-16
상세설명  NPN Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BWTECH [Bruckewell Technology LTD]
홈페이지  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BCX55-16 데이터시트(HTML) 5 Page - Bruckewell Technology LTD

  BCX55-16 Datasheet HTML 1Page - Bruckewell Technology LTD BCX55-16 Datasheet HTML 2Page - Bruckewell Technology LTD BCX55-16 Datasheet HTML 3Page - Bruckewell Technology LTD BCX55-16 Datasheet HTML 4Page - Bruckewell Technology LTD BCX55-16 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NPN Silicon AF Transistors
BCX54/BCX55/BCX56
5
SOLDERING FOOTPRINT
Unit:mm
PACKAGE INFORMATION
Device
Package
Shipping
BCX54/BCX55/BCX56
SOT-89
1000/Tape&Reel


유사한 부품 번호 - BCX55-16

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCX55-16 PHILIPS-BCX55-16 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Nexperia B.V. All right...
BCX55-16 NEXPERIA-BCX55-16 Datasheet
1Mb / 22P
   60 V, 1 A NPN medium power transistors
Rev. 8 - 24 October 2011
logo
Siemens Semiconductor G...
BCX55-16 SIEMENS-BCX55-16 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Nexperia B.V. All right...
BCX55-16 NEXPERIA-BCX55-16 Datasheet
241Kb / 12P
   60 V, 1 A NPN medium power transistors
Rev. 9 - 1 July 2022
logo
Infineon Technologies A...
BCX55-16 INFINEON-BCX55-16 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Jul-10-2001
More results

유사한 설명 - BCX55-16

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com