전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC848C 데이터시트(PDF) 3 Page - Bruckewell Technology LTD

부품명 BC848C
상세설명  NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BWTECH [Bruckewell Technology LTD]
홈페이지  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BC848C 데이터시트(HTML) 3 Page - Bruckewell Technology LTD

  BC848C Datasheet HTML 1Page - Bruckewell Technology LTD BC848C Datasheet HTML 2Page - Bruckewell Technology LTD BC848C Datasheet HTML 3Page - Bruckewell Technology LTD BC848C Datasheet HTML 4Page - Bruckewell Technology LTD BC848C Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BC846A-BC848C
NPN SURFACE MOUNT SMALL
SIGNAL TRANSISTOR IN SOT23
Publication Order Number: [BC846A-BC848C]
© Bruckewell Technology Corporation Rev. A -2014
ON CHARACTERISTICS
Symbol
Parameter
MIN
TYP
MAX
UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
(Ic=10mAdc, IB=-0.5mAdc)
(Ic=100mAdc, IB=-5.0mAdc)
V
0.25
V
0.6
V
HFE
DC Current Gain
BC846A,B
90
(Ic=10uAdc,VCE=-5.0Vdc)
BC847A,B
150
BC848A,B,C
270
(Ic=2.0mAdc,VCE=-5.0Vdc)
BC846A,B
125
180
250
BC847A,B
220
290
475
BC848A,B,C
420
520
800
VBE(sat)
Base-Emitter Saturation Voltage
V
(Ic=10mAdc, IB=-0.5mAdc)
0.7
V
(Ic=100mAdc, IB=-5.0mAdc)
0.9
V
VBE(on)
Base-Emitter Voltag
V
(Ic=2.0mAdc, VCE=-5.0Vdc)
580
660
700
mV
(Ic=10mAdc, VCE=-5.0Vdc)
770
mV
ON CHARACTERISTICS
Symbol
Parameter
MIN
TYP
MAX
UNIT
fT
Current-Gain-Bandwidth Product
(Ic=-10mAdc,VCE=-5.0Vdc,f=100MHz)
100
MHz
Cobo
Output Capacitance
(VCB=-10Vdc, IE=0, f=1.0MHz)
4.5
pF
NF
Noise Figure
(VCE=-5.0Vdc, IC=-
200μAdc,
Rs=2.0kΩf=1.0KHz , BW=200Hz)
10
dB
DEVICE MARK
BC846A
1A
BC846B
1B
BC847A
1E
BC847B
1F
BC848A
1J
BC848B
1K
BC848C


유사한 부품 번호 - BC848C

제조업체부품명데이터시트상세설명
logo
Transys Electronics
BC848C TRSYS-BC848C Datasheet
371Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
DONGGUAN YOU FENG WEI E...
BC848C YFWDIODE-BC848C Datasheet
704Kb / 4P
   NPN Transistors
logo
Pan Jit International I...
BC848C PANJIT-BC848C Datasheet
504Kb / 6P
   NPN GENERAL PURPOSE TRANSISTORS
logo
Guangdong Kexin Industr...
BC848C KEXIN-BC848C Datasheet
1Mb / 3P
   NPN Transistors
logo
Zowie Technology Corpor...
BC848C ZOWIE-BC848C Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
More results

유사한 설명 - BC848C

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BC846A DIODES-BC846A_11 Datasheet
148Kb / 6P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
DS11207 DIODES-DS11207 Datasheet
194Kb / 7P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA05 DIODES-MMBTA05_15 Datasheet
256Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
logo
Bruckewell Technology L...
BC856A BWTECH-BC856A Datasheet
405Kb / 5P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
BC846A DIODES-BC846A_15 Datasheet
304Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
   40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBT2222A DIODES-MMBT2222A_15 Datasheet
303Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4401 DIODES-MMBT4401_15 Datasheet
263Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com