전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP22N60K 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRFP22N60K
상세설명  SMPS MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP22N60K 데이터시트(HTML) 5 Page - International Rectifier

  IRFP22N60K Datasheet HTML 1Page - International Rectifier IRFP22N60K Datasheet HTML 2Page - International Rectifier IRFP22N60K Datasheet HTML 3Page - International Rectifier IRFP22N60K Datasheet HTML 4Page - International Rectifier IRFP22N60K Datasheet HTML 5Page - International Rectifier IRFP22N60K Datasheet HTML 6Page - International Rectifier IRFP22N60K Datasheet HTML 7Page - International Rectifier IRFP22N60K Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRFP22N60K
www.irf.com
5
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-V
DD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D =
t / t
2. Peak T
= P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
25
50
75
100
125
150
0
5
10
15
20
25
T , Case Temperature
( C)
°
C


유사한 부품 번호 - IRFP22N60K

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP22N60K VISHAY-IRFP22N60K Datasheet
150Kb / 8P
   Power MOSFET
S-81274-Rev. A, 16-Jun-08
logo
Inchange Semiconductor ...
IRFP22N60K ISC-IRFP22N60K Datasheet
445Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP22N60K VISHAY-IRFP22N60K Datasheet
228Kb / 10P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFP22N60KPBF IRF-IRFP22N60KPBF Datasheet
175Kb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFP22N60KPBF VISHAY-IRFP22N60KPBF Datasheet
150Kb / 8P
   Power MOSFET
S-81274-Rev. A, 16-Jun-08
More results

유사한 설명 - IRFP22N60K

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com