전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP22N60K 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRFP22N60K
상세설명  SMPS MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP22N60K 데이터시트(HTML) 7 Page - International Rectifier

  IRFP22N60K Datasheet HTML 1Page - International Rectifier IRFP22N60K Datasheet HTML 2Page - International Rectifier IRFP22N60K Datasheet HTML 3Page - International Rectifier IRFP22N60K Datasheet HTML 4Page - International Rectifier IRFP22N60K Datasheet HTML 5Page - International Rectifier IRFP22N60K Datasheet HTML 6Page - International Rectifier IRFP22N60K Datasheet HTML 7Page - International Rectifier IRFP22N60K Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRFP22N60K
www.irf.com
7
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
Fig 14. For N-Channel HEXFET® Power MOSFETs
* VGS = 5V for Logic Level Devices
Peak Diode Recovery dv/dt Test Circuit
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

*


유사한 부품 번호 - IRFP22N60K

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP22N60K VISHAY-IRFP22N60K Datasheet
150Kb / 8P
   Power MOSFET
S-81274-Rev. A, 16-Jun-08
logo
Inchange Semiconductor ...
IRFP22N60K ISC-IRFP22N60K Datasheet
445Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP22N60K VISHAY-IRFP22N60K Datasheet
228Kb / 10P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFP22N60KPBF IRF-IRFP22N60KPBF Datasheet
175Kb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFP22N60KPBF VISHAY-IRFP22N60KPBF Datasheet
150Kb / 8P
   Power MOSFET
S-81274-Rev. A, 16-Jun-08
More results

유사한 설명 - IRFP22N60K

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com