전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC10061 데이터시트(PDF) 3 Page - Texas Instruments

부품명 ADC10061
상세설명  A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10061 데이터시트(HTML) 3 Page - Texas Instruments

  ADC10061 Datasheet HTML 1Page - Texas Instruments ADC10061 Datasheet HTML 2Page - Texas Instruments ADC10061 Datasheet HTML 3Page - Texas Instruments ADC10061 Datasheet HTML 4Page - Texas Instruments ADC10061 Datasheet HTML 5Page - Texas Instruments ADC10061 Datasheet HTML 6Page - Texas Instruments ADC10061 Datasheet HTML 7Page - Texas Instruments ADC10061 Datasheet HTML 8Page - Texas Instruments ADC10061 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ADC10061, ADC10062, ADC10064
www.ti.com
SNAS069E – JUNE 1999 – REVISED MARCH 2013
NOTE: The ADC10061 and ADC10062 are obsolete; shown for reference only.
PIN DESCRIPTIONS
Pin Function
Description
DVCC, AVCC
Digital and analog positive supply voltage inputs. Connect both to the same voltage source, but bypass separately with
a 0.1 µF ceramic capacitor in parallel with a 10 µF tantalum capacitor to ground at each pin.
INT
Active low interrupt output. INT goes low at the end of each conversion, and returns high following the rising edge of
RD.
S/H
Sample/Hold control input. When this pin is forced low (and CS is low), the analog input signal is sampled and a new
conversion is initiated.
RD
Active low read control input. When this RD and CS are low, any data present in the output registers will be placed
onto the data bus.
CS
Active low Chip Select control input. When low, this pin enables the RD and S/H pins.
S0, S1
On the multiple-input devices (ADC10062 and ADC10064), these pins select the analog input that will be connected to
the A/D during the conversion. The input is selected based on the state of S0 and S1 when S/H makes its High-to-Low
transition (See Timing Diagrams). The ADC10064 includes both S0 and S1. The ADC10062 includes just S0, and the
ADC10061 has neither.
VREF−, VREF+
Reference voltage inputs. They may be placed at any voltage between GND and VCC, but VREF+ must be greater than
VREF−. An input voltage equal to VREF− produces an output code of 0, and an input voltage equal to (VREF+ − 1 LSB)
produces an output code of 1023.
VIN, VIN0, VIN1,
Analog input pins. The ADC10061 has one input (VIN), the ADC10062 has two inputs (VIN0 and VIN1), and the
VIN2, VIN3
ADC10064 has four inputs (VIN0, VIN1, VIN2 and VIN3). The impedance of the input source should be less than 500Ω for
best accuracy and conversion speed. For accurate conversions, no input pin (even one that is not selected) should be
driven more than 50 mV above VCC or 50 mV below ground.
GND, AGND,
Power supply ground pins. The ADC10061 has a single ground pin (GND), and the ADC10062 and ADC10064 have
DGND
separate analog and digital ground pins (AGND and DGND) for separate bypassing of the analog and digital supplies.
The ground pins should be connected to a stable, noise-free system ground. For the devices with two ground pins,
both pins should be returned to the same potential.
DB0–DB9
TRI-STATE data output pins.
SPEED ADJ
(ADC10062 and ADC10064 only). This pin is normally left unconnected, but by connecting a resistor between this pin
and ground, the conversion time can be reduced. See Typical Performance Characteristics and the table of Electrical
Characteristics.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC10061 ADC10062 ADC10064


유사한 부품 번호 - ADC10061

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 NSC-ADC10061 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10061 TI1-ADC10061 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
[Old version datasheet]   10-Bit 600 ns A/D Converter
logo
National Semiconductor ...
ADC10061CIWM NSC-ADC10061CIWM Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

유사한 설명 - ADC10061

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
   D/A CONVERTER
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
   A/D Converter
logo
Nippon Precision Circui...
SM5874AM NPC-SM5874AM Datasheet
175Kb / 18P
   D/A Converter
logo
Analog Devices
AD9203 AD-AD9203_17 Datasheet
1Mb / 29P
   A/D Converter
logo
Nippon Precision Circui...
SM5865AM NPC-SM5865AM Datasheet
130Kb / 17P
   D/A Converter
logo
Analog Devices
AD9051 AD-AD9051_17 Datasheet
686Kb / 12P
   A/D Converter
logo
Asahi Kasei Microsystem...
AKD4620B-B AKM-AKD4620B-B_06 Datasheet
663Kb / 63P
   24Bit A/D & D/A converter
AKD4556-B AKM-AKD4556-B Datasheet
746Kb / 45P
   24Bit A/D & D/A converter.
AKD4528 AKM-AKD4528_05 Datasheet
373Kb / 45P
   24Bit A/D & D/A converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com