전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC10062 데이터시트(PDF) 1 Page - Texas Instruments

부품명 ADC10062
상세설명  A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10062 데이터시트(HTML) 1 Page - Texas Instruments

  ADC10062 Datasheet HTML 1Page - Texas Instruments ADC10062 Datasheet HTML 2Page - Texas Instruments ADC10062 Datasheet HTML 3Page - Texas Instruments ADC10062 Datasheet HTML 4Page - Texas Instruments ADC10062 Datasheet HTML 5Page - Texas Instruments ADC10062 Datasheet HTML 6Page - Texas Instruments ADC10062 Datasheet HTML 7Page - Texas Instruments ADC10062 Datasheet HTML 8Page - Texas Instruments ADC10062 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ADC10061, ADC10062, ADC10064
www.ti.com
SNAS069E – JUNE 1999 – REVISED MARCH 2013
ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and
Sample/Hold
Check for Samples: ADC10061, ADC10062, ADC10064
1
FEATURES
DESCRIPTION
NOTE: The ADC10061 and ADC10062 are obsolete.
2
Built-in Sample-and-Hold
They are described here for reference only.
Single +5V Supply
Using an innovative, patented multistep* conversion
No External Clock Required
technique, these CMOS analog-to-digital converters
Speed Adjust Pin for Faster Conversions
offer sub-microsecond conversion times yet dissipate
(ADC10062 and ADC10064). See ADC10662/4
a maximum of only 235 mW. These converters
for High Speed Ensured Performance.
perform 10-bit conversions in two lower-resolution
“flashes”, yielding a fast A/D without the cost, power
APPLICATIONS
consumption, and other problems associated with
true flash approaches.
Digital Signal Processor Front Ends
The analog input voltage is sampled and held by an
Instrumentation
internal sampling circuit. Input signals at frequencies
Disk Drives
from DC to over 200 kHz can, therefore, be digitized
Mobile Telecommunications
accurately without the need for an external sample-
and-hold circuit.
KEY SPECIFICATIONS
The ADC10062 and ADC10064 include a “speed-up”
Conversion Time 600 ns Typical, 900 ns Max
pin. Connecting an external resistor between this pin
and ground reduces the typical conversion time to as
Sampling Rate 800 kHz
little as 350 ns with only a small increase in linearity
Low Power Dissipation 235 mW (Max)
error.
Total Unadjusted Error ±1.0 LSB (Max)
For
ease
of
interface
to
microprocessors,
the
No Missing Codes Over Temperature
ADC10061, ADC10062, and ADC10064 have been
designed to appear as a memory location or I/O port
without the need for external interface logic.
*U.S. Patent Number 4918449
Simplified Block Diagram
*ADC10061 Only, **ADC10062 and ADC10064 Only, ***ADC10064 Only
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - ADC10062

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC10062 NSC-ADC10062 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10062 NSC-ADC10062 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10062 TI1-ADC10062 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
ADC10062 TI1-ADC10062 Datasheet
1Mb / 22P
[Old version datasheet]   10-Bit 600 ns A/D Converter
logo
National Semiconductor ...
ADC10062CIWM NSC-ADC10062CIWM Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

유사한 설명 - ADC10062

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
   D/A CONVERTER
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
   A/D Converter
logo
Nippon Precision Circui...
SM5874AM NPC-SM5874AM Datasheet
175Kb / 18P
   D/A Converter
logo
Analog Devices
AD9203 AD-AD9203_17 Datasheet
1Mb / 29P
   A/D Converter
logo
Nippon Precision Circui...
SM5865AM NPC-SM5865AM Datasheet
130Kb / 17P
   D/A Converter
logo
Analog Devices
AD9051 AD-AD9051_17 Datasheet
686Kb / 12P
   A/D Converter
logo
Asahi Kasei Microsystem...
AKD4620B-B AKM-AKD4620B-B_06 Datasheet
663Kb / 63P
   24Bit A/D & D/A converter
AKD4556-B AKM-AKD4556-B Datasheet
746Kb / 45P
   24Bit A/D & D/A converter.
AKD4528 AKM-AKD4528_05 Datasheet
373Kb / 45P
   24Bit A/D & D/A converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com