전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5612S7X 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FAN5612S7X
상세설명  Low-Dropout LED Drivers for White, Blue or any Color LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5612S7X 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5612S7X Datasheet HTML 4Page - Fairchild Semiconductor FAN5612S7X Datasheet HTML 5Page - Fairchild Semiconductor FAN5612S7X Datasheet HTML 6Page - Fairchild Semiconductor FAN5612S7X Datasheet HTML 7Page - Fairchild Semiconductor FAN5612S7X Datasheet HTML 8Page - Fairchild Semiconductor FAN5612S7X Datasheet HTML 9Page - Fairchild Semiconductor FAN5612S7X Datasheet HTML 10Page - Fairchild Semiconductor FAN5612S7X Datasheet HTML 11Page - Fairchild Semiconductor FAN5612S7X Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FAN5611/FAN5612/FAN5613/FAN5614
PRODUCT SPECIFICATION
10
REV. 1.0.4 6/4/04
Mechanical Dimensions
2mmx 2mm 8-Lead MLP
2.0
A
B
1.40
0.70
1.00
2.55
0.30 TYP
0.50 TYP
(0.78)
1
4
8
5
2.0
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1.0 MAX
0.10
0.08
(0.20)
0.05
0.00
1.25
1.20
0.45
0.20
PIN #1 IDENT
0.65
0.60
0.50
1.50
0.18~0.30
0.10
C
C
AB
0.10 M
M
14
85
SEATING
PLANE
C
C
C
RECOMMENDED LAND PATTERN
NOTES:
A. CONFORMS TO JEDEC REGISTRATION MO-229,
VARIATION VCCD-3, DATED 11/2001
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994
0.15
0.15
C
C
2X
2X


유사한 부품 번호 - FAN5612S7X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5612S7X FAIRCHILD-FAN5612S7X Datasheet
702Kb / 14P
   Low-Dropout LED Drivers for White, Blue, or any Color LED
More results

유사한 설명 - FAN5612S7X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5611 FAIRCHILD-FAN5611_06 Datasheet
702Kb / 14P
   Low-Dropout LED Drivers for White, Blue, or any Color LED
FAN5610 FAIRCHILD-FAN5610 Datasheet
105Kb / 10P
   LED Driver for White, Blue or any Color LED
logo
Sipex Corporation
SP7611A SIPEX-SP7611A Datasheet
216Kb / 9P
   Low Dropout LED Driver for any Color LED
SP7614 SIPEX-SP7614 Datasheet
93Kb / 4P
   Low Dropout LED Driver for any Color LED
logo
TEXAS ADVANCED OPTOELEC...
AS1102 TAOS-AS1102 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101_1 Datasheet
481Kb / 13P
   Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1107 TAOS-AS1107 Datasheet
1Mb / 22P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101_04 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1101 TAOS-AS1101 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101 Datasheet
256Kb / 13P
   Low-Dropout LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com