전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FCBN410QB1C15 데이터시트(PDF) 6 Page - Finisar Corporation.

부품명 FCBN410QB1C15
상세설명  Quadwire짰 40 Gb/s Parallel Active Optical Cable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FINISAR [Finisar Corporation.]
홈페이지  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBN410QB1C15 데이터시트(HTML) 6 Page - Finisar Corporation.

Back Button FCBN410QB1C15 Datasheet HTML 2Page - Finisar Corporation. FCBN410QB1C15 Datasheet HTML 3Page - Finisar Corporation. FCBN410QB1C15 Datasheet HTML 4Page - Finisar Corporation. FCBN410QB1C15 Datasheet HTML 5Page - Finisar Corporation. FCBN410QB1C15 Datasheet HTML 6Page - Finisar Corporation. FCBN410QB1C15 Datasheet HTML 7Page - Finisar Corporation. FCBN410QB1C15 Datasheet HTML 8Page - Finisar Corporation. FCBN410QB1C15 Datasheet HTML 9Page - Finisar Corporation. FCBN410QB1C15 Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
FCBG410QB1Cxx Product Specification – December 2013
F i n i s a r
 Finisar Corporation – 11-Dec-13 Rev B7
Page 6
Parameter –Outputs
Symbol
Conditions
Min
Typ
Max
Units
Ref.
Reference Differential Output Impedance
Zd
100
Ω
Termination Mismatch
ΔZ
M
5
%
Output AC Common Mode Voltage
15
mVRMS
Output Rise and Fall time (20% to 80%)
tRH, tFH
24
ps
Differential Output Return Loss
SDD22
0.01-4.1 GHz
dB
1
4.1 – 11.1 GHz
dB
2
Common Mode Output Return Loss
SCC22
0.01-2.5 GHz
dB
3
2.5-11.1 GHz
-3
dB
Notes:
1. Reflection coefficient given by equation SDD22(dB)< -12+2*SQRT(f), with f in GHz. See Figure 4.
2. Reflection coefficient given by equation SDD22(dB)< -6.3+13Log10(f/5.5), with f in GHz. See Figure 4.
3. Reflection coefficient given by equation SCC22(dB)< -7+1.6*f, with f in GHz.
Receiver Output Jitter Specification
Symbol
Min
Typ
Max
Units
Ref.
Deterministic Jitter
DJOUT
0.38
UI
1
Total Jitter
TJOUT
0.64
UI
1
Notes:
1.
When transmitter input jitter specs are met.
Other Informational Specifications
(not tested)
Symbol
Min
Typ
Max
Units
Ref.
Max Bit Rate NRZ
B
12.5
Gb/s
Low Frequency 3dB Cutoff
fc
175
kHz
Ch / Ch crosstalk
-26
dB
Output Pre-emphasis settings
(user selectable)
PE
0
mV
125
mV
175
mV
325
mV
Pre-Emphasis pulse width
60
90
ps
Channel Latency
TBD
Channels Skew
TBD
Digital clock to data delay
25
ns
Digital output rise/fall times
5
ns
Digital input / output Cap
1
pF
Digital input logic High
2
V
Digital input logic Low
1
V
ESD Signal pads
500
V
HBM
ESD (other pads)
2
kV
HBM


유사한 부품 번호 - FCBN410QB1C15

제조업체부품명데이터시트상세설명
logo
Finisar Corporation.
FCBN425QB1C01 FINISAR-FCBN425QB1C01 Datasheet
461Kb / 9P
   PRELIMINARY Product Specification 100G Quadwire QSFP28 Active Optical Cable
FCBN425QB1C01 FINISAR-FCBN425QB1C01 Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1C03 FINISAR-FCBN425QB1C03 Datasheet
461Kb / 9P
   PRELIMINARY Product Specification 100G Quadwire QSFP28 Active Optical Cable
FCBN425QB1C03 FINISAR-FCBN425QB1C03 Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1C05 FINISAR-FCBN425QB1C05 Datasheet
461Kb / 9P
   PRELIMINARY Product Specification 100G Quadwire QSFP28 Active Optical Cable
More results

유사한 설명 - FCBN410QB1C15

제조업체부품명데이터시트상세설명
logo
Finisar Corporation.
FCBG410QB1CXX FINISAR-FCBG410QB1CXX Datasheet
505Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN510QE2CXX FINISAR-FCBN510QE2CXX Datasheet
840Kb / 12P
   Quadwire짰 40 Gb/s Parallel Breakout Active Optical Cable
FCBGD10CD1C03 FINISAR-FCBGD10CD1C03 Datasheet
382Kb / 13P
   C.wire 120 Gb/s Parallel Active Optical Cable
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-7QER01Z AVAGO-AFBR-7QER01Z Datasheet
658Kb / 15P
   40 Gigabit Ethernet & InfiniBand QDR Parallel Active Optical Cable
logo
FCI connector
ICD120GVP2420-05 FCI-CONNECTOR-ICD120GVP2420-05 Datasheet
119Kb / 2P
   12 Channel Parallel Active Optical Cable
logo
Finisar Corporation.
FCBX414QB1CXX FINISAR-FCBX414QB1CXX Datasheet
784Kb / 2P
   56G FDR parallel active optical cable
logo
TriQuint Semiconductor
TGA4943-SL TRIQUINT-TGA4943-SL_15 Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com