전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FCBN425QB1CX0 데이터시트(PDF) 4 Page - Finisar Corporation.

부품명 FCBN425QB1CX0
상세설명  100G Quadwire짰 QSFP28 Active Optical Cable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FINISAR [Finisar Corporation.]
홈페이지  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBN425QB1CX0 데이터시트(HTML) 4 Page - Finisar Corporation.

  FCBN425QB1CX0 Datasheet HTML 1Page - Finisar Corporation. FCBN425QB1CX0 Datasheet HTML 2Page - Finisar Corporation. FCBN425QB1CX0 Datasheet HTML 3Page - Finisar Corporation. FCBN425QB1CX0 Datasheet HTML 4Page - Finisar Corporation. FCBN425QB1CX0 Datasheet HTML 5Page - Finisar Corporation. FCBN425QB1CX0 Datasheet HTML 6Page - Finisar Corporation. FCBN425QB1CX0 Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FCBN425QB1Cxx Product Specification
 Finisar Corporation January 2016
B3
Page 4
III.
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc1,
VccTx,
VccRx
-0.5
3.6
V
Storage Temperature
TS
-40
85
C
1
Case Operating Temperature
TOP
0
70
C
Relative Humidity
RH
0
85
%
2
Notes:
1.
Assumes no mechanical load force on the unit. Ensuring no mechanical load force requires a cable bend
radius of >105 mm within 100 mm of either cable end module and >60 mm on the rest of the cable.
2.
Non-condensing.
IV.
Electrical Characteristics (TOP = 0 to 70C, VCC = 3.3 ± 5% Volts)
NOTE: The 100G Quadwire requires an electrical connector compliant with SFF-8662 or SFF-8672 be used
on the host board to guarantee its electrical interface specification. Please check with your connector supplier.
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc1,
VccTx,
VccRx
3.15
3.45
V
Supply Current
Icc
1010
mA
Power Dissipation per cable end
P
3.5
W
1, 2
Link Turn-On Time
Transmit turn-on time
2000
ms
3
Input electrical specifications (per Lane)
Differential Voltage pk-pk
900
mV
Common Mode Noise RMS
17.5
mV
Differential Termination Resistance Mismatch
10
%
Differential Return Loss
SDD22
dB
Common Mode to Differential conversion and
Differential to Common Mode Conversion
SDC22,
SCD22
dB
Common Mode Return Loss
SCC22
-2
dB
Transition Time, 20 to 80%
Tr, Tf
10
ps
Common Mode Voltage
Vcm
-0.3
2.8
V
Eye Width at 1E-15 probability
EW15
0.46
UI
Eye Height at 1E-15 probability
EH15
94
mV
Output electrical specifications (per Lane)
Differential Voltage pk-pk
900
mV
Common Mode Voltage
Vcm
-350
2850
mV
Common Mode Noise RMS
17.5
mV
Differential Termination Resistance Mismatch
10
%
Differential Return Loss
SDD22
dB
Common Mode to Differential conversion and
Differential to Common Mode Conversion
SDC22,
SCD22
Common Mode Return Loss
SCC22
-2
dB
Transition Time, 20 to 80%
Tr, Tf
9.5
ps
Vertical Eye Closure
VEC
5.5
dB
Eye Width at 1E-15 probability
EW15
0.57
UI
Per OIF CEI-28G-VSR
and CAUI-4
requirements
Per OIF CEI-28G-VSR
and CAUI-4 requirements


유사한 부품 번호 - FCBN425QB1CX0

제조업체부품명데이터시트상세설명
logo
Finisar Corporation.
FCBN425QB1CX0 FINISAR-FCBN425QB1CX0 Datasheet
461Kb / 9P
   PRELIMINARY Product Specification 100G Quadwire QSFP28 Active Optical Cable
More results

유사한 설명 - FCBN425QB1CX0

제조업체부품명데이터시트상세설명
logo
Finisar Corporation.
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
TE Connectivity Ltd
2368650 TEC-2368650 Datasheet
279Kb / 4P
   100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
logo
ATGBICS by Approved Tec...
AOC-QSFP28-100G-15M-C ATGBICS-AOC-QSFP28-100G-15M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-15M Dell Compatible Active Optical Cable 100G QSFP28 (15m)
AOC-QSFP28-100G-20M-C ATGBICS-AOC-QSFP28-100G-20M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-20M Dell Compatible Active Optical Cable 100G QSFP28 (20m)
AOC-QSFP28-100G-10M-C ATGBICS-AOC-QSFP28-100G-10M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-10M Dell Compatible Active Optical Cable 100G QSFP28 (10m)
AOC-QSFP28-100G-1M-C ATGBICS-AOC-QSFP28-100G-1M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-1M Dell Compatible Active Optical Cable 100G QSFP28 (1m)
AOC-QSFP28-100G-3M-C ATGBICS-AOC-QSFP28-100G-3M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-3M Dell Compatible Active Optical Cable 100G QSFP28 (3m)
AOC-QSFP28-100G-5M-C ATGBICS-AOC-QSFP28-100G-5M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-5M Dell Compatible Active Optical Cable 100G QSFP28 (5m)
AOC-QSFP28-100G-2M-C ATGBICS-AOC-QSFP28-100G-2M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-2M Dell Compatible Active Optical Cable 100G QSFP28 (2m)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com