전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL4503TVM 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 HCPL4503TVM
상세설명  HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL4503TVM 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  HCPL4503TVM Datasheet HTML 1Page - Fairchild Semiconductor HCPL4503TVM Datasheet HTML 2Page - Fairchild Semiconductor HCPL4503TVM Datasheet HTML 3Page - Fairchild Semiconductor HCPL4503TVM Datasheet HTML 4Page - Fairchild Semiconductor HCPL4503TVM Datasheet HTML 5Page - Fairchild Semiconductor HCPL4503TVM Datasheet HTML 6Page - Fairchild Semiconductor HCPL4503TVM Datasheet HTML 7Page - Fairchild Semiconductor HCPL4503TVM Datasheet HTML 8Page - Fairchild Semiconductor HCPL4503TVM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PACKAGE
SCHEMATIC
4/29/04
Page 1 of 12
© 2004 Fairchild Semiconductor Corporation
HIGH SPEED
TRANSISTOR OPTOCOUPLERS
HCPL4503M
DESCRIPTION
The HCPL4503M optocoupler consists of an AlGaAs LED optically coupled to a high speed photodetector transistor.
A separate connection for the bias of the photodiode improves the speed by several orders of magnitude over conventional
phototransistor optocouplers by reducing the base-collector capacitance of the input transistor. The base of the phototransistor is
not bonded out to a pin for improved noise immunity.
An internal noise shield provides superior common mode rejection of 15kV/µs minimum.
FEATURES
VISO = 5kV RMS is standard for all devices
High speed-1 MBit/s
Superior CMR, CMH = 50 kV/ms (typical); CML = 30 kV/ms (typical)
No base connection for improved noise immunity
CTR guaranteed 0-70°C
•U.L. recognized (File # E90700, Vol 2)
VDE approval pending
APPLICATIONS
Line receivers
Pulse transformer replacement
Output interface to CMOS-LSTTL-TTL
Wide bandwidth analog coupling
8
8
1
8
1
1
1
2
3
4
5
6
7
8
+
_
V
F
V
CC
N/C
V
O
GND
N/C
N/C


유사한 부품 번호 - HCPL4503TVM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HCPL4503TVM FAIRCHILD-HCPL4503TVM Datasheet
565Kb / 10P
   High Speed Transistor Optocouplers
HCPL4503TVM FAIRCHILD-HCPL4503TVM Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
More results

유사한 설명 - HCPL4503TVM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com