전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP3054WM-X 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TP3054WM-X
상세설명  Extended Temperature Serial Interface CODEC/Filter COMBO Family
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TP3054WM-X 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TP3054WM-X Datasheet HTML 3Page - Texas Instruments TP3054WM-X Datasheet HTML 4Page - Texas Instruments TP3054WM-X Datasheet HTML 5Page - Texas Instruments TP3054WM-X Datasheet HTML 6Page - Texas Instruments TP3054WM-X Datasheet HTML 7Page - Texas Instruments TP3054WM-X Datasheet HTML 8Page - Texas Instruments TP3054WM-X Datasheet HTML 9Page - Texas Instruments TP3054WM-X Datasheet HTML 10Page - Texas Instruments TP3054WM-X Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TP3054-X, TP3057-X
www.ti.com
SNOSBY2C – MARCH 2005 – REVISED APRIL 2013
Timing Specifications
Unless otherwise noted, limits printed in BOLD characters are ensured for VCC = +5.0V ±5%, VBB = −5.0V ±5%; TA = −40°C
to +85°C by correlation with 100% electrical testing at TA = 25°C. All other limits are assured by correlation with other
production tests and/or product design and characterization. All signals referenced to GNDA. Typicals specified at VCC =
+5.0V, VBB = –5.0V, TA = 25°C. All timing parameters are assured at VOH = 2.0V and VOL = 0.7V. See Definitions and Timing
Conventions section for test methods information.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
1/tPM
Depends on the Device Used and the
1.536
MHz
Frequency of Master Clocks
BCLKR/CLKSEL Pin.
1.544
MHz
MCLKX and MCLKR
2.048
MHz
tRM
Rise Time of Master Clock
MCLKX and MCLKR
50
ns
tFM
Fall Time of Master Clock
MCLKX and MCLKR
50
ns
tPB
Period of Bit Clock
485
488
15725
ns
tRB
Rise Time of Bit Clock
BCLKX and BCLKR
50
ns
tFB
Fall Time of Bit Clock
BCLKX and BCLKR
50
ns
tWMH
Width of Master Clock High
MCLKX and MCLKR
160
ns
tWML
Width of Master Clock Low
MCLKX and MCLKR
160
ns
tSBFM
Short Frame
100
ns
Set-Up Time from BCLKX High
First Bit Clock after the Leading Edge of
to MCLKX Falling Edge
FSX
Long Frame
125
tSFFM
Setup Time from FSX High to
100
ns
Long Frame Only
MCLKX Falling Edge
tWBH
Width of Bit Clock High
VIH=2.2V
160
ns
tWBL
Width of Bit Clock Low
VIL=0.6V
160
ns
tHBFL
Holding Time from Bit Clock
Long Frame Only
0
ns
Low to Frame Sync
tHBFS
Holding Time from Bit Clock
Short Frame Only
0
ns
High to Frame Sync
tSFB
Set-Up Time from Frame Sync
Long Frame Only
115
ns
to Bit Clock Low
tDBD
Delay Time from BCLKX High
Load=150 pF plus 2 LSTTL Loads
0
140
ns
to Data Valid
tDBTS
Delay Time to TSX Low
Load=150 pF plus 2 LSTTL Loads
140
ns
tDZC
Delay Time from BCLKX Low to
CL=0 pF to 150 pF
50
165
ns
Data Output Disabled
tDZF
Delay Time to Valid Data from
FSX or BCLKX, Whichever
CL=0 pF to 150 pF
20
165
ns
Comes Later
tSDB
Set-Up Time from DR Valid to
50
ns
BCLKR/X Low
tHBD
Hold Time from BCLKR/X Low to
50
ns
DR Invalid
tSF
Set-Up Time from FSX/R to
Short Frame Sync Pulse (1 Bit Clock Period Long)
50
ns
BCLKX/R Low
tHF
Hold Time from BCLKX/R Low
Short Frame Sync Pulse (1 Bit Clock Period Long)
100
ns
to FSX/R Low
tHBFl
Hold Time from 3rd Period of
Long Frame Sync Pulse (from 3 to 8 Bit Clock Periods
Bit Clock Low to Frame Sync
100
ns
Long)
(FSX or FSR)
tWFL
Minimum Width of the Frame
64k Bit/s Operating Mode
160
ns
Sync Pulse (Low Level)
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TP3054-X TP3057-X


유사한 부품 번호 - TP3054WM-X

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
TP3054WM-X NSC-TP3054WM-X Datasheet
671Kb / 16P
   Extended Temperature Serial Interface CODEC/Filter COMBO Family
More results

유사한 설명 - TP3054WM-X

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
TP3054-X NSC-TP3054-X Datasheet
671Kb / 16P
   Extended Temperature Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3052-X TI1-TP3052-X Datasheet
393Kb / 20P
[Old version datasheet]   TP3054-X, TP3057-X Extended Temperature Serial Interface CODEC/Filter COMBO Family
TP3057WMX TI1-TP3057WMX Datasheet
299Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
National Semiconductor ...
TP3054 NSC-TP3054 Datasheet
250Kb / 16P
   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3054 TI1-TP3054_11 Datasheet
323Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
STMicroelectronics
ETC5054 STMICROELECTRONICS-ETC5054 Datasheet
153Kb / 18P
   SERIAL INTERFACE CODEC/FILTER
logo
National Semiconductor ...
TP3064 NSC-TP3064 Datasheet
276Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
TP3069 NSC-TP3069 Datasheet
275Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
logo
Texas Instruments
TP3064 TI1-TP3064_11 Datasheet
347Kb / 20P
[Old version datasheet]   Enhanced Serial Interface CMOS CODEC/Filter COMBO
logo
National Semiconductor ...
TP3051 NSC-TP3051 Datasheet
414Kb / 10P
   PARALLEL INTERFACE CODEC/FILTER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com