전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMBTA56 데이터시트(PDF) 8 Page - Formosa MS

부품명 FMBTA56
상세설명  Driver Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBTA56 데이터시트(HTML) 8 Page - Formosa MS

  FMBTA56 Datasheet HTML 1Page - Formosa MS FMBTA56 Datasheet HTML 2Page - Formosa MS FMBTA56 Datasheet HTML 3Page - Formosa MS FMBTA56 Datasheet HTML 4Page - Formosa MS FMBTA56 Datasheet HTML 5Page - Formosa MS FMBTA56 Datasheet HTML 6Page - Formosa MS FMBTA56 Datasheet HTML 7Page - Formosa MS FMBTA56 Datasheet HTML 8Page - Formosa MS FMBTA56 Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Formosa MS
Page 8
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Reel packing
SOT-23
3,000
4.0
30,000
183*183*123
178
382*262*387
240,000
11.6
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
7"
1.Storage environment: Temperature=5
~40
Humidity=55%±25%
2.Reflow soldering of surface-mount devices
o
o
C
C
Suggested thermal profiles for soldering processes
Profile Feature
Soldering Condition
Average ramp-up rate(TL to TP)
<3
/sec
Preheat
o
-Temperature Min(Tsmin)
150 C
o
-Temperature Max(Tsmax)
200 C
-Time(min to max)(ts)
60~120sec
Tsmax to TL
o
-Ramp-upRate
<3 C/sec
Time maintained above:
o
-Temperature(TL)
217 C
-Time(tL)
60~260sec
o
o
Peak Temperature(TP)
255 C-0/+5 C
o
Time within 5 C of actual Peak
Temperature(tP)
o
Ramp-down Rate
<6 C/sec
o
Time 25 C to Peak Temperature
<6minutes
oC
10~30sec
3.Reflow soldering
Critical Zone
TL to TP
TL
Tsmax
Tsmin
Ramp-up
Tp
tS
Preheat
o
t25 C to Peak
Time
25
TL
TP
Ramp-down
FMBTA55 / FMBTA56
Driver Transistor
DS-231164
2010/11/05
2011/07/21
B
9


유사한 부품 번호 - FMBTA56

제조업체부품명데이터시트상세설명
logo
Formosa MS
FMBTA05 FORMOSA-FMBTA05 Datasheet
151Kb / 9P
   Drive NPN Transistor
FMBTA06 FORMOSA-FMBTA06 Datasheet
151Kb / 9P
   Drive NPN Transistor
logo
First Components Intern...
FMBTA06 FCI-FMBTA06 Datasheet
79Kb / 2P
   Silicon Transistor Amplifier Transistor
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
   NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
FMBTA92 FCI-FMBTA92 Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR EPITAXIAL PLANAR TRANSISTOR
More results

유사한 설명 - FMBTA56

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BSS64LT1G ONSEMI-BSS64LT1G Datasheet
113Kb / 3P
   Driver Transistor
August, 2009 ??Rev. 5
logo
SeCoS Halbleitertechnol...
MMBTA55 SECOS-MMBTA55_15 Datasheet
285Kb / 4P
   Driver Transistor
logo
ON Semiconductor
MMBTA06WT1G ONSEMI-MMBTA06WT1G Datasheet
139Kb / 5P
   Driver Transistor
October, 2010 -- Rev. 2
SMMBTA06WT1G ONSEMI-SMMBTA06WT1G Datasheet
111Kb / 5P
   Driver Transistor
November, 2012 ??Rev. 4
logo
Fairchild Semiconductor
KST05 FAIRCHILD-KST05 Datasheet
44Kb / 3P
   Driver Transistor
logo
ON Semiconductor
BSS64LT1G ONSEMI-BSS64LT1G_16 Datasheet
75Kb / 3P
   Driver Transistor
November, 2016 ??Rev. 6
MMBTA56W ONSEMI-MMBTA56W Datasheet
109Kb / 5P
   Driver Transistor
November, 2012 ??Rev. 4
logo
Fairchild Semiconductor
KST55 FAIRCHILD-KST55 Datasheet
44Kb / 3P
   Driver Transistor
KST06MTF FAIRCHILD-KST06MTF Datasheet
50Kb / 3P
   Driver Transistor
logo
SeCoS Halbleitertechnol...
MMBTA55 SECOS-MMBTA55 Datasheet
285Kb / 4P
   Driver Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com