전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMBTA56 데이터시트(PDF) 2 Page - Formosa MS

부품명 FMBTA56
상세설명  Driver Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBTA56 데이터시트(HTML) 2 Page - Formosa MS

  FMBTA56 Datasheet HTML 1Page - Formosa MS FMBTA56 Datasheet HTML 2Page - Formosa MS FMBTA56 Datasheet HTML 3Page - Formosa MS FMBTA56 Datasheet HTML 4Page - Formosa MS FMBTA56 Datasheet HTML 5Page - Formosa MS FMBTA56 Datasheet HTML 6Page - Formosa MS FMBTA56 Datasheet HTML 7Page - Formosa MS FMBTA56 Datasheet HTML 8Page - Formosa MS FMBTA56 Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Formosa MS
Page 2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Features
Lead-free parts for green partner, exceeds environmental
standards of MIL-STD-19500 /228
Suffix "-H" indicates Halogen-free part, ex. FMBTA55-H.
Mechanical data
Case :
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Mounting Position : Any
Weight : Approximated 0.008 gram
Epoxy:UL94-V0 rated flame retardant
Molded plastic, SOT-23
Driver PNP Transistor
PARAMETER
Collector-Base voltage
Collector-Emitter voltage
Emitter-Base voltage
Collector Current - continuous
Total device dissipation FR-5 board
(1)
Storage temperature
Operating temperature
SYMBOL
V
CBO
V
CEO
V
EBO
I
C
P
D
T
J
T
STG
-55 ~ +150
-65 ~ +150
-4.0
UNIT
Vdc
Vdc
Vdc
mAdc
mW
oC
o
Maximum ratings (AT T =25 C unless otherwise noted)
A
Junction to ambient
R
θJA
OC/W
P
D
Thermal resistance
O
T = 25 C
A
O
Derate above 25 C
O
mW/ C
Total device dissipation alumina
substrate(2)
P
D
mW
Junction to ambient
R
θJA
OC/W
P
D
Thermal resistance
O
T = 25 C
A
O
Derate above 25 C
O
mW/ C
1. FR-5 = 1.0 X 0.75 X0.062 in.
2. Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina.
-60
-60
-500
556
225
1.8
417
300
2.4
Thermal Characteristics
CHARACTERISTIC
SYMBOL
CONDITIONS
UNIT
Max
FMBTA55
FMBTA56
-80
-80
Document ID
Issued Date
Revised Date
Revision
Page.
Package outline
FMBTA55 / FMBTA56
Driver Transistor
SOT-23
Dimensions in inches and (millimeters)
0.035 (0.89)
0.051 (1.30)
0.063 (1.60)
0.047 (1.20)
0.108 (2.75)
0.083 (2.10)
0.027 (0.67)
0.013 (0.32)
(A)
(B)
(C)
DS-231164
2010/11/05
2011/07/21
B
9


유사한 부품 번호 - FMBTA56

제조업체부품명데이터시트상세설명
logo
Formosa MS
FMBTA05 FORMOSA-FMBTA05 Datasheet
151Kb / 9P
   Drive NPN Transistor
FMBTA06 FORMOSA-FMBTA06 Datasheet
151Kb / 9P
   Drive NPN Transistor
logo
First Components Intern...
FMBTA06 FCI-FMBTA06 Datasheet
79Kb / 2P
   Silicon Transistor Amplifier Transistor
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
   NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
FMBTA92 FCI-FMBTA92 Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR EPITAXIAL PLANAR TRANSISTOR
More results

유사한 설명 - FMBTA56

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BSS64LT1G ONSEMI-BSS64LT1G Datasheet
113Kb / 3P
   Driver Transistor
August, 2009 ??Rev. 5
logo
SeCoS Halbleitertechnol...
MMBTA55 SECOS-MMBTA55_15 Datasheet
285Kb / 4P
   Driver Transistor
logo
ON Semiconductor
MMBTA06WT1G ONSEMI-MMBTA06WT1G Datasheet
139Kb / 5P
   Driver Transistor
October, 2010 -- Rev. 2
SMMBTA06WT1G ONSEMI-SMMBTA06WT1G Datasheet
111Kb / 5P
   Driver Transistor
November, 2012 ??Rev. 4
logo
Fairchild Semiconductor
KST05 FAIRCHILD-KST05 Datasheet
44Kb / 3P
   Driver Transistor
logo
ON Semiconductor
BSS64LT1G ONSEMI-BSS64LT1G_16 Datasheet
75Kb / 3P
   Driver Transistor
November, 2016 ??Rev. 6
MMBTA56W ONSEMI-MMBTA56W Datasheet
109Kb / 5P
   Driver Transistor
November, 2012 ??Rev. 4
logo
Fairchild Semiconductor
KST55 FAIRCHILD-KST55 Datasheet
44Kb / 3P
   Driver Transistor
KST06MTF FAIRCHILD-KST06MTF Datasheet
50Kb / 3P
   Driver Transistor
logo
SeCoS Halbleitertechnol...
MMBTA55 SECOS-MMBTA55 Datasheet
285Kb / 4P
   Driver Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com