전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA0102PWPRG4 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA0102PWPRG4
상세설명  1.5-W STEREO AUDIO POWER AMPLIFIER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0102PWPRG4 데이터시트(HTML) 1 Page - Texas Instruments

  TPA0102PWPRG4 Datasheet HTML 1Page - Texas Instruments TPA0102PWPRG4 Datasheet HTML 2Page - Texas Instruments TPA0102PWPRG4 Datasheet HTML 3Page - Texas Instruments TPA0102PWPRG4 Datasheet HTML 4Page - Texas Instruments TPA0102PWPRG4 Datasheet HTML 5Page - Texas Instruments TPA0102PWPRG4 Datasheet HTML 6Page - Texas Instruments TPA0102PWPRG4 Datasheet HTML 7Page - Texas Instruments TPA0102PWPRG4 Datasheet HTML 8Page - Texas Instruments TPA0102PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TPA0102
1.5-W STEREO AUDIO POWER AMPLIFIER
SLOS166E – MARCH 1997 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D High Power with PC Power Supply
– 1.5 W/Ch at 5 V
– 600 mW/Ch at 3 V
D Ultra-Low Distortion
< 0.05% THD+N at 1.5 W and 4-
Ω Load
D Bridge-Tied Load (BTL) or Single Ended
(SE) Modes
D Stereo Input MUX
D Surface-Mount Power Package
24-Pin TSSOP PowerPAD
D Shutdown Control ...IDD < 10 µA
CB
CS
Right
MUX
RLINEIN
RHPIN
Left
MUX
LHPIN
LLINEIN
Bias, Mute,
Shutdown,
and SE/BTL
MUX Control
+
+
RBYPASS
MUTE IN
MUTE OUT
SHUTDOWN
LBYPASS
ROUT+
ROUT –
RVDD
LVDD
LOUT+
LOUT –
SE/BTL
HP/LINE
CIR
RIR
RFR
CFR
System
Control
CIL
RIL
NC
NC
4
5
6
8
9
11
19
20
21
RFL
CFL
100 k
100 k
VDD
VDD
COUTR
COUTL
10
3
16
7
14
18
15
22
1 k
0.1
µF
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND/HS
NC
LOUT+
LLINEIN
LHPIN
LBYPASS
LVDD
SHUTDOWN
MUTE OUT
LOUT–
MUTE IN
GND/HS
GND/HS
NC
ROUT+
RLINEIN
RHPIN
RBYPASS
RVDD
NC
HP/LINE
ROUT–
SE/BTL
GND/HS
PWP PACKAGE
(TOP VIEW)
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PowerPAD is a trademark of Texas Instruments Incorporated.


유사한 부품 번호 - TPA0102PWPRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA0102PWP TI-TPA0102PWP Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA0102PWPRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Texas Instruments
LM4853 TI1-LM4853 Datasheet
1Mb / 25P
[Old version datasheet]   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
National Semiconductor ...
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com