전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA0162 데이터시트(PDF) 10 Page - Texas Instruments

부품명 TPA0162
상세설명  2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0162 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPA0162_16 Datasheet HTML 6Page - Texas Instruments TPA0162_16 Datasheet HTML 7Page - Texas Instruments TPA0162_16 Datasheet HTML 8Page - Texas Instruments TPA0162_16 Datasheet HTML 9Page - Texas Instruments TPA0162_16 Datasheet HTML 10Page - Texas Instruments TPA0162_16 Datasheet HTML 11Page - Texas Instruments TPA0162_16 Datasheet HTML 12Page - Texas Instruments TPA0162_16 Datasheet HTML 13Page - Texas Instruments TPA0162_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
www.ti.com
80
110
0
100
1k
10k 20k
BW - Bandwidth - Hz
105
100
95
115
120
85
90
PO = 1 W
RL = 8 Ω
BTL
AV = 20 dB
AV = 6 dB
-120
-40
20
100
1k
10k 20k
f - Frequency - Hz
-60
-80
-100
-20
0
VI = 1 VRMS
RL = 8 Ω, BTL
RL = 32 Ω, SE
RL = 10 kΩ, SE
-10
20
10
100
1k
10k
100k
f - Frequency - Hz
15
10
5
25
30
-5
0
180
°
90
°
0
°
-90
°
-180
°
1M
RL = 8 Ω
AV = 20 dB
BTL
Gain
Phase
-10
20
10
100
1k
10k
100k
f - Frequency - Hz
15
10
5
25
30
-5
0
180
°
90
°
0
°
-90
°
-180
°
1M
RL = 8 Ω
AV = 6 dB
BTL
Gain
Phase
TPA0162
SLOS249E – JUNE 1999 – REVISED SEPTEMBER 2004
SHUTDOWN ATTENUATION
SIGNAL-TO-NOISE RATIO
vs
vs
FREQUENCY
BANDWIDTH
Figure 19.
Figure 20.
CLOSED LOOP RESPONSE
CLOSED LOOP RESPONSE
Figure 21.
Figure 22.
10


유사한 부품 번호 - TPA0162_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA0162PWP TI-TPA0162PWP Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results

유사한 설명 - TPA0162_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com