전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA0202PWPG4 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TPA0202PWPG4
상세설명  2-W STEREO AUDIO POWER AMPLIFIER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0202PWPG4 데이터시트(HTML) 1 Page - Texas Instruments

  TPA0202PWPG4 Datasheet HTML 1Page - Texas Instruments TPA0202PWPG4 Datasheet HTML 2Page - Texas Instruments TPA0202PWPG4 Datasheet HTML 3Page - Texas Instruments TPA0202PWPG4 Datasheet HTML 4Page - Texas Instruments TPA0202PWPG4 Datasheet HTML 5Page - Texas Instruments TPA0202PWPG4 Datasheet HTML 6Page - Texas Instruments TPA0202PWPG4 Datasheet HTML 7Page - Texas Instruments TPA0202PWPG4 Datasheet HTML 8Page - Texas Instruments TPA0202PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TPA0202
2-W STEREO AUDIO POWER AMPLIFIER
SLOS205B – FEBRUARY 1998 – REVISED DECEMBER 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Integrated Depop Circuitry
D High Power with PC Power Supply
– 2 W/Ch at 5 V into a 3-
Ω Load
– 800 mW/Ch at 3 V
D Fully Specified for Use With 3-Ω Loads
D Ultra-Low Distortion
– 0.05% THD+N at 2 W and 3-
Ω Load
D Bridge-Tied Load (BTL) or Single-Ended
(SE) Modes
D Stereo Input MUX
D Surface-Mount Power Package
24-Pin TSSOP PowerPAD
D Shutdown Control ...IDD = 5 µA
CB
CS
Right
MUX
RLINEIN
RHPIN
Left
MUX
LHPIN
LLINEIN
Bias, Mute,
Shutdown,
and SE/BTL
MUX Control
+
+
RBYPASS
MUTE IN
MUTE OUT
SHUTDOWN
LBYPASS
ROUT+
ROUT –
RVDD
LVDD
LOUT+
LOUT –
SE/BTL
HP/LINE
CIR
RIR
RFR
CFR
System
Control
CIL
RIL
NC
NC
4
5
6
8
9
11
19
20
21
RFL
CFL
100 k
100 k
VDD
VDD
COUTR
COUTL
10
3
16
7
14
18
15
22
1 k
1 k
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND/HS
TJ
LOUT+
LLINEIN
LHPIN
LBYPASS
LVDD
SHUTDOWN
MUTE OUT
LOUT–
MUTE IN
GND/HS
GND/HS
NC
ROUT+
RLINEIN
RHPIN
RBYPASS
RVDD
NC
HP/LINE
ROUT–
SE/BTL
GND/HS
PWP PACKAGE
(TOP VIEW)
Copyright
 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PowerPAD is a trademark of Texas Instruments Incorporated.


유사한 부품 번호 - TPA0202PWPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA0202PWP TI-TPA0202PWP Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA0202PWPG4

제조업체부품명데이터시트상세설명
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Unisonic Technologies
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com