전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA0242 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TPA0242
상세설명  STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0242 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPA0242 Datasheet HTML 7Page - Texas Instruments TPA0242 Datasheet HTML 8Page - Texas Instruments TPA0242 Datasheet HTML 9Page - Texas Instruments TPA0242 Datasheet HTML 10Page - Texas Instruments TPA0242 Datasheet HTML 11Page - Texas Instruments TPA0242 Datasheet HTML 12Page - Texas Instruments TPA0242 Datasheet HTML 13Page - Texas Instruments TPA0242 Datasheet HTML 14Page - Texas Instruments TPA0242 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
www.ti.com
2
1.5
0
0
8
16
24
32
40
2.5
3
3.5
48
56
64
RL − Load Resistance − Ω
AV = +20 to 0 dB
BTL
1% THD+N
10% THD+N
1
0.5
750
0
0
8
16
1000
1250
1500
24
32
RL − Load Resistance − Ω
AV = +14 to 0 dB
SE
1% THD+N
10% THD+N
500
250
40
48
56
64
0.6
0.4
0.2
0
0
1
1
1.2
1.4
1.5
2.5
0.8
PO − Output Power − W
4
8
f = 1 kHz
BTL
Each Channel
3
1.6
1.8
0.5
2
0.1
0.05
0
0
0.2
0.2
0.25
0.3
0.3
0.8
0.15
PO − Output Power − W
8
32
f = 1 kHz
BTL
Each Channel
4
0.35
0.4
0.1
0.7
0.4
0.5
0.6
TPA0242
SLOS287C – NOVEMBER 1999 – REVISED SEPTEMBER 2004
OUTPUT POWER
OUTPUT POWER
VS
VS
LOAD RESISTANCE
LOAD RESISTANCE
Figure 23.
Figure 24.
POWER DISSIPATION
POWER DISSIPATION
VS
VS
OUTPUT POWER
OUTPUT POWER
Figure 25.
Figure 26.
11


유사한 부품 번호 - TPA0242

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242PWP TI-TPA0242PWP Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results

유사한 설명 - TPA0242

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com