전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA0242PWPRG4 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TPA0242PWPRG4
상세설명  STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0242PWPRG4 데이터시트(HTML) 1 Page - Texas Instruments

  TPA0242PWPRG4 Datasheet HTML 1Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 2Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 3Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 4Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 5Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 6Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 7Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 8Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
HP/LINE
VOLUME
LOUT+
LLINEIN
LHPIN
PVDD
RIN
LOUT–
LIN
BYPASS
GND
GND
RLINEIN
SHUTDOWN
ROUT+
RHPIN
VDD
PVDD
CLK
ROUT–
SE/BTL
PC-BEEP
GND
PWP PACKAGE
(TOP VIEW)
DESCRIPTION
TPA0242
SLOS287C – NOVEMBER 1999 – REVISED SEPTEMBER 2004
STEREO 2.8-W AUDIO POWER AMPLIFIER
WITH DC VOLUME CONTROL AND MUX CONTROL
Compatible With PC 99 Desktop Line-Out Into
10-k
Ω Load
Compatible With PC 99 Portable Into 8-
Ω Load
Internal Gain Control, Which Eliminates
External Gain-Setting Resistors
DC Volume Control From 20 dB to -40 dB
2.8-W/Ch Output Power Into 3-
Ω Load
Input MUX Select Terminal
PC-Beep Input
Depop Circuitry
Stereo Input MUX
Fully Differential Input
Low Supply Current and Shutdown Current
Surface-Mount Power Packaging 24-Pin
TSSOP PowerPAD™
The TPA0242 is a stereo audio power amplifier in a 24-pin TSSOP thermally-enhanced package capable of
delivering 2.8 W of continuous RMS power per channel into 3-
Ω loads.
This device minimizes the number of external components needed, which simplifies the design and frees up
board space for other features. When driving 1 W into 8-
Ω speakers, the TPA0242 has less than 0.22% THD+N
across its specified frequency range.
The integrated depop circuitry virtually eliminates transients that cause noise in the speakers.
Amplifier gain is controlled by a dc voltage input on the VOLUME terminal. There are 31 discrete steps covering
the range of 20 dB (maximum volume setting) to -40 dB (minimum volume setting) in 2 dB steps. When the
VOLUME terminal exceeds 3.54 V, the device is muted. An internal input MUX allows two sets of stereo inputs to
the amplifier. The HP/LINE terminal allows the user to select which MUX input is active regardless of whether the
amplifier is in single-ended (SE) or bridge-tied load (BTL) mode. In notebook applications, where internal
speakers are driven as BTL and the line outputs (often headphone drive) are required to be SE, the TPA0242
automatically switches into SE mode when the SE/BTL input is activated, and this effectively reduces the gain by
6 dB.
The TPA0242 consumes only 20 mA of supply current during normal operation. A miserly shutdown mode
reduces the supply current to 150 µA.
The PowerPAD package (PWP) delivers a level of thermal performance that was previously achievable only in
TO-220-type packages. Thermal impedances of approximately 35
°C/W are truly realized in multilayer PCB
applications. This allows the TPA0242 to operate at full power into 8-
Ω loads at ambient temperatures of 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TPA0242PWPRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA0242PWP TI-TPA0242PWP Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results

유사한 설명 - TPA0242PWPRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com