전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3107D2PAPR 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3107D2PAPR
상세설명  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3107D2PAPR 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TPA3107D2PAPR Datasheet HTML 2Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 3Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 4Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 5Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 6Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 7Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 8Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 9Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
www.ti.com
TPA3107D2
SLOS509B – OCTOBER 2006 – REVISED JULY 2007
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
ROUTP
53, 54
O
Class-D 1/2-H-bridge positive output for right channel.
PVCCR
45, 46
Power supply for right channel H-bridge, not connected to PVCCL or AVCC.
BSRP
55
I/O
Bootstrap I/O for right channel, positive high-side FET.
AGND
7, 21
Analog ground for digital/analog cells in core.
ROSC
18
I/O
I/O for current setting resistor of ramp generator.
Master/Slave select for determining direction of SYNC terminal. HIGH=Master
MSTR/SLV
12
I
mode, SYNC terminal is an output; LOW = slave mode, SYNC terminal accepts a
clock input. TTL logic levels with compliance to VREG.
Clock input/output for synchronizing multiple class-D devices. Direction determined
SYNC
17
I/O
by MSTR/SLV terminal. Input signal not to exceed VREG.
Reference for preamplifier. Nominally equal to 1.25 V. Also controls start-up time
VBYP
20
O
via external capacitor sizing.
4-V regulated output for use by internal cells, GAINx, MUTE, and MSTR/SLV pins
VREG
19
O
only. Not specified for driving other external circuitry.
AVCC
64
High-voltage analog power supply. Not internally connected to PVCCR or PVCCL.
1-4, 13-16,
22-25,
NC
32-34, 39,
Not internally connected.
42, 47-49,
56-60
Connect to AGND and PGND – should be star point for both grounds. Internal
resistive connection to AGND and PGND. Thermal vias on the PCB should
Thermal Pad
-
-
connect this pad to a large copper area on an internal or bottom layer for the best
thermal performance. The Thermal Pad must be soldered to the PCB for
mechanical reliability.
6
Submit Documentation Feedback


유사한 부품 번호 - TPA3107D2PAPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3107D2PAPR TI-TPA3107D2PAPR Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPR TI-TPA3107D2PAPR Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPRG4 TI-TPA3107D2PAPRG4 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPRG4 TI-TPA3107D2PAPRG4 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA3107D2PAPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com