전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3107D2PAPR 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3107D2PAPR
상세설명  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3107D2PAPR 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPA3107D2PAPR Datasheet HTML 4Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 5Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 6Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 7Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 8Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 9Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 10Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 11Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
f − Frequency − Hz
20
V
=12V
R =8
Gain=20dB
CC
L
W
100
1k
10k
0.001
0.1
10
20k
1
0.01
P
=5W
O
P
=1W
O
P
=2.5W
O
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
1
0.01
V
=18V
R =8
Gain=20dB
CC
L
W
P
=2.5W
O
P
=5W
O
P
=1W
O
TPA3107D2
SLOS509B – OCTOBER 2006 – REVISED JULY 2007
TABLE OF GRAPHS(1)(2)
FIGURE
THD+N
Total harmonic distortion + noise
vs Frequency
1, 2, 3, 4, 5
THD+N
Total harmonic distortion + noise
vs Output power
6, 7, 8, 9, 10
Closed-loop response
vs Frequency
11, 12
Output power
vs Supply voltage
13
VCC
Supply current
vs Total output power
14
System efficiency
vs Output power
15
Crosstalk
vs Frequency
16, 17
kSVR
Supply ripple rejection ratio
vs Frequency
18
(1)
All graphs were measured using the TPA3107D2 EVM.
(2)
Power generated beyond normal and recommended operating conditions may require additional heatsinking.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 1.
Figure 2.
8
Submit Documentation Feedback


유사한 부품 번호 - TPA3107D2PAPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3107D2PAPR TI-TPA3107D2PAPR Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPR TI-TPA3107D2PAPR Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPRG4 TI-TPA3107D2PAPRG4 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPRG4 TI-TPA3107D2PAPRG4 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA3107D2PAPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com