전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3124D2PWP 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3124D2PWP
상세설명  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3124D2PWP 데이터시트(HTML) 1 Page - Texas Instruments

  TPA3124D2PWP Datasheet HTML 1Page - Texas Instruments TPA3124D2PWP Datasheet HTML 2Page - Texas Instruments TPA3124D2PWP Datasheet HTML 3Page - Texas Instruments TPA3124D2PWP Datasheet HTML 4Page - Texas Instruments TPA3124D2PWP Datasheet HTML 5Page - Texas Instruments TPA3124D2PWP Datasheet HTML 6Page - Texas Instruments TPA3124D2PWP Datasheet HTML 7Page - Texas Instruments TPA3124D2PWP Datasheet HTML 8Page - Texas Instruments TPA3124D2PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
1 F
m
SD
MuteControl
PVCCL
TPA3124D2
SIMPLIFIED APPLICATIONCIRCUIT
PVCCR
VCLAMP
GAIN1
BYPASS
1 F
m
1 F
m
0.22 F
m
AGND
LeftChannel
RightChannel
10Vto26V
10Vto26V
4-StepGainControl
ShutdownControl
LIN
RIN
BSR
BSL
PGNDR
PGNDL
0.22 F
m
33 H
m
33 H
m
470 F
m
0.22 F
m
1 F
m
470 F
m
GAIN0
AVCC
MUTE
ROUT
LOUT
S0267-02
0.22 F
m
TPA3124D2
www.ti.com........................................................................................................................................................................................................ SLOS578 – MAY 2008
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
• Flat Panel Televisions
234
• 10-W/Ch Into an 8-Ω Load From a 24-V Supply
• DLP® TVs
• 15-W/Ch into a 4-Ω Load from a 22-V Supply
• CRT TVs
• 30-W/Ch into a 8-Ω Load from a 22-V Supply
• Powered Speakers
• Operates From 10 V to 26 V
• Can Run From +24 V LCD Backlight Supply
• Efficient Class-D Operation Eliminates Need
The TPA3124D2 is a 15-W (per channel), efficient,
for Heat Sinks
class-D audio power amplifier for driving stereo
• Four Selectable, Fixed-Gain Settings
speakers in a single-ended configuration; or, a mono
• Internal Oscillator (No External Components
speaker in a bridge-tied-load configuration. The
TPA3124D2 can drive stereo speakers as low as 4
Ω.
Required)
The efficiency of the TPA3124D2 eliminates the need
• Single-Ended Analog Inputs
for an external heat sink when playing music.
• Thermal and Short-Circuit Protection With
The gain of the amplifier is controlled by two gain
Auto Recovery
select pins. The gain selections are 20, 26, 32, and
• Space-Saving Surface Mount 24-Pin TSSOP
36 dB.
Package
The patented start-up and shutdown sequences
• Advanced Power-Off Pop Reduction
minimize pop noise in the speakers without additional
circuitry.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DLP is a registered trademark of Texas Instruments.
3
System Two, Audio Precision are trademarks of Audio Precision, Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TPA3124D2PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3124D2PWPR TI-TPA3124D2PWPR Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2PWPR TI-TPA3124D2PWPR Datasheet
640Kb / 27P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA3124D2PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com