전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD1E04U04DPLT 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD1E04U04DPLT
상세설명  TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E04U04DPLT 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPD1E04U04DPLT Datasheet HTML 7Page - Texas Instruments TPD1E04U04DPLT Datasheet HTML 8Page - Texas Instruments TPD1E04U04DPLT Datasheet HTML 9Page - Texas Instruments TPD1E04U04DPLT Datasheet HTML 10Page - Texas Instruments TPD1E04U04DPLT Datasheet HTML 11Page - Texas Instruments TPD1E04U04DPLT Datasheet HTML 12Page - Texas Instruments TPD1E04U04DPLT Datasheet HTML 13Page - Texas Instruments TPD1E04U04DPLT Datasheet HTML 14Page - Texas Instruments TPD1E04U04DPLT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TMDS_D2+
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
GND
TPD1E05U06 (x5)
TPD1E04U04 (x8)
TMDS_D2-
TMDS_D1+
TMDS_D1-
TMDS_D0+
TMDS_D0-
TMDS_CK+
TMDS_CK-
CEC
UTILITY
DDC_CLK
DDC_DAT
HOTPLUG_DET
Copyright © 2016, Texas Instruments Incorporated
11
TPD1E04U04
www.ti.com
SLVSDG4B – MARCH 2016 – REVISED AUGUST 2016
Product Folder Links: TPD1E04U04
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPD1E04U04 is a diode type TVS which is used to provide a path to ground for dissipating ESD events on
high-speed signal lines between a human interface connector and a system. As the current from ESD passes
through the TVS, only a small voltage drop is present across the diode. This is the voltage presented to the
protected IC. The low RDYN of the triggered TVS holds this voltage, VCLAMP, to a safe level for the protected IC.
8.2 Typical Application
Figure 13. HDMI 2.0 ESD Schematic
8.2.1 Design Requirements
For this design example eight TPD1E04U04 devices and five TPD1E05U06 devices are being used in a HDMI
2.0 application. This provides a complete ESD protection scheme.
Given the HDMI 2.0 application, the parameters listed in Table 1 are known.
Table 1. Design Parameters
DESIGN PARAMETER
VALUE
Signal range on TMDS lines
0 V to 3.6 V
Operating frequency on TMDS lines
up to 3 GHz
Signal range on control lines
0 V to 5.5 V


유사한 부품 번호 - TPD1E04U04DPLT

제조업체부품명데이터시트상세설명
logo
Shanghai Leiditech Elec...
TPD1E04U04DPLR LEIDITECH-TPD1E04U04DPLR Datasheet
899Kb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
More results

유사한 설명 - TPD1E04U04DPLT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
Texas Instruments
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
[Old version datasheet]   2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPESD3636P TECHPUBLIC-TPESD3636P Datasheet
1Mb / 5P
   4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0
logo
Littelfuse
SP3011 LITTELFUSE-SP3011 Datasheet
265Kb / 6P
   Ultra-Low Capacitance Diode Array for USB 3.0 ESD Protection
logo
Texas Instruments
TPD1E0B04 TI1-TPD1E0B04 Datasheet
889Kb / 22P
[Old version datasheet]   TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
TPD8S009 TI1-TPD8S009_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-Channel ESD Protection for DisplayPort and HDMI
TPD1E01B04 TI1-TPD1E01B04 Datasheet
872Kb / 22P
[Old version datasheet]   TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
logo
NXP Semiconductors
IP4294CZ10 NXP-IP4294CZ10 Datasheet
609Kb / 2P
   ESD protection for USB 3.0 (SuperSpeed USB) and eSATA data lines
August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com