전자부품 데이터시트 검색엔진 |
|
SN74ALS374AN3 데이터시트(PDF) 8 Page - Texas Instruments |
|
SN74ALS374AN3 데이터시트(HTML) 8 Page - Texas Instruments |
8 / 23 page SN54ALS374A, SN54AS374, SN74ALS374A, SN74AS374 OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS SDAS167C – APRIL 1982 – REVISED NOVEMBER 1999 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION SERIES 54ALS/74ALS AND 54AS/74AS DEVICES tPHZ tPLZ tPHL tPLH tPZL tPZH tPLH tPHL LOAD CIRCUIT FOR 3-STATE OUTPUTS From Output Under Test Test Point S1 CL = 50 pF (see Note A) 7 V 3.5 V 3.5 V 0.3 V 0.3 V th tsu VOLTAGE WAVEFORMS SETUP AND HOLD TIMES Timing Input Data Input 3.5 V 3.5 V 0.3 V 0.3 V High-Level Pulse Low-Level Pulse tw VOLTAGE WAVEFORMS PULSE DURATIONS Input Out-of-Phase Output (see Note C) 3.5 V 3.5 V 0.3 V 0.3 V VOL VOH VOH VOL Output Control Waveform 1 S1 Closed (see Note B) Waveform 2 S1 Open (see Note B) ≈0 V VOH VOL ≈3.5 V In-Phase Output VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS VCC Test Point From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT FOR OPEN-COLLECTOR OUTPUTS LOAD CIRCUIT FOR BI-STATE TOTEM-POLE OUTPUTS From Output Under Test Test Point CL = 50 pF (see Note A) 500 Ω 500 Ω 500 Ω 500 Ω VOL + 0.3 V VOH – 0.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. When measuring propagation delay items of 3-state outputs, switch S1 is open. D. All input pulses have the following characteristics: PRR ≤ 1 MHz, tr = tf = 2 ns, duty cycle = 50%. E. The outputs are measured one at a time with one transition per measurement. Figure 3. Load Circuits and Voltage Waveforms |
유사한 부품 번호 - SN74ALS374AN3 |
|
유사한 설명 - SN74ALS374AN3 |