전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A1356 데이터시트(PDF) 5 Page - Allegro MicroSystems

부품명 A1356
상세설명  High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1356 데이터시트(HTML) 5 Page - Allegro MicroSystems

  A1356_16 Datasheet HTML 1Page - Allegro MicroSystems A1356_16 Datasheet HTML 2Page - Allegro MicroSystems A1356_16 Datasheet HTML 3Page - Allegro MicroSystems A1356_16 Datasheet HTML 4Page - Allegro MicroSystems A1356_16 Datasheet HTML 5Page - Allegro MicroSystems A1356_16 Datasheet HTML 6Page - Allegro MicroSystems A1356_16 Datasheet HTML 7Page - Allegro MicroSystems A1356_16 Datasheet HTML 8Page - Allegro MicroSystems A1356_16 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
OPERATING CHARACTERISTICS (continued) Valid over full operating temperature range, TA, VCC = 4.5 to 18 V,
CBYPASS = 0.1 μF, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Error Components
Linearity Sensitivity Error2,3
LinERR
±3.0
%
Symmetry Sensitivity Error2,3
SymERR
±1.5
%
1After powering on the device, output of device needs time to reach valid magnetic response with a valid PWM output.
2See Characteristic Definitions section.
3Guarenteed by design only. Characterized but not tested in production.
4fC varies up to approximately ± 20% over the full operating ambient temperature range, TA, and process.
5Jitter is dependent on the sensitivity of the device.
6Raw device characteristic values before any programming.
7D(Q)(max) is the value available with all programming fuses blown (maximum programming code set). The D(Q) range is the total range from D(Q)(min)
up to and including D(Q)(max). See Characteristic Definitions section.
8Step size is larger than required, in order to provide for manufacturing spread. See Characteristic Definitions section.
9Non-ideal behavior in the programming DAC can cause the step size at each significant bit rollover code to be greater than twice the maximum
specified value of StepD(Q), StepSENS, or StepfPWM .
10Overall programming value accuracy. See Characteristic Definitions section.
11Programmed at 150°C and calculated relative to 25°C.
12Sensitivity drift from expected value at TA after programming SENSTC. See Characteristic Definitions section.
High Precision Linear Hall-Effect Sensor IC
With an Open Drain Pulse Width Modulated Output
A1356
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


유사한 부품 번호 - A1356_16

제조업체부품명데이터시트상세설명
logo
EPCOS
A1356 EPCOS-A1356 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356 Datasheet
451Kb / 20P
   High Precision Linear Hall-Effect Sensor
More results

유사한 설명 - A1356_16

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356 Datasheet
451Kb / 20P
   High Precision Linear Hall-Effect Sensor
A1357 ALLEGRO-A1357 Datasheet
423Kb / 20P
   Two-Wire High Precision Linear Hall-Effect Sensor IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH136 DIWELL-WSH136 Datasheet
432Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
logo
Winson Semiconductor Co...
WSH137 WINSON-WSH137 Datasheet
293Kb / 5P
   Linear Hall Effect Sensor IC
WSH135 WINSON-WSH135_17 Datasheet
236Kb / 4P
   Linear Hall Effect Sensor IC
logo
List of Unclassifed Man...
WSH201 ETC2-WSH201 Datasheet
88Kb / 3P
   Linear Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH201 WINSON-WSH201 Datasheet
119Kb / 3P
   Linear Hall Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH137 DIWELL-WSH137 Datasheet
450Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com