전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD1E10B06QDPYRQ1 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD1E10B06QDPYRQ1
상세설명  1-Channel ESD in 0402 Package with 12-pF Capacitance and 6-V Breakdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E10B06QDPYRQ1 데이터시트(HTML) 5 Page - Texas Instruments

  TPD1E10B06QDPYRQ1 Datasheet HTML 1Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 2Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 3Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 4Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 5Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 6Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 7Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 8Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
TPD1E10B06-Q1
www.ti.com
SLVSDN7A – AUGUST 2016 – REVISED AUGUST 2016
Product Folder Links: TPD1E10B06-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Nonrepetitive current pulse 8 to 20 µs exponentially decaying waveform according to IEC 61000-4-5
(2)
Extraction of RDYNAMIC using least squares fit of TLP characteristics between IPP = 10 A and IPP = 20 A.
6.7 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
Pin 1 to 2 or Pin 2 to 1
5.5
V
ILEAK
Leakage current
Pin 1 = 5 V, Pin 2 = 0 V
100
nA
VClamp1,2
Clamp voltage with ESD strike on pin 1, pin 2
grounded
IPP = 1 A, tp = 8 to 20 μs
(1)
10
V
IPP = 5 A, tp = 8 to 20 μs
(1)
14
VClamp2,1
Clamp voltage with ESD strike on pin 2, pin 1
grounded
IPP = 1 A, tp = 8 to 20 μs
(1)
8.5
V
IPP = 5 A, tp = 8 to 20 μs
(1)
14
RDYN
Dynamic resistance
Pin 1 to Pin 2(2)
0.32
Ω
Pin 2 to Pin 1(2)
0.38
CIO
I/O capacitance
VIO = 2.5 V; ƒ = 1 MHz
12
pF
VBR1,2
Break-down voltage, pin 1 to pin 2
IIO = 1 mA
6
V
VBR2,1
Break-down voltage, pin 2 to pin 1
IIO = 1 mA
6
V


유사한 부품 번호 - TPD1E10B06QDPYRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD1E10B06QDPYRQ1 TI-TPD1E10B06QDPYRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   TPD1E10B06-Q1 Automotive 12-pF, 짹5.5-V 짹30-kV, Single Channel ESD Protection Diode in 0402 and SOD-523 Package
FEBRUARY 2022
logo
Shanghai Leiditech Elec...
TPD1E10B06QDPYRQ1 LEIDITECH-TPD1E10B06QDPYRQ1 Datasheet
1Mb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
More results

유사한 설명 - TPD1E10B06QDPYRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD1E10B09-Q1 TI1-TPD1E10B09-Q1 Datasheet
118Kb / 7P
[Old version datasheet]   1-Channel ESD in 0402 Package with 10-pF Capacitance and 9-V Breakdown
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
ESD321 TI-ESD321_V01 Datasheet
1Mb / 25P
[Old version datasheet]   ESD321 1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1 pF) in 0402 and SOD-523 Packages
REVISED DECEMBER 2022
TPD1E10B06-Q1 TI-TPD1E10B06-Q1_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPD1E10B06-Q1 Automotive 12-pF, 짹5.5-V 짹30-kV, Single Channel ESD Protection Diode in 0402 and SOD-523 Package
FEBRUARY 2022
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_15 Datasheet
788Kb / 18P
[Old version datasheet]   Single-Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com