전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD1E10B09DPYR 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD1E10B09DPYR
상세설명  Single-Channel ESD Protection Device in 0402 Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E10B09DPYR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TPD1E10B09DPYR Datasheet HTML 3Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 4Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 5Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 6Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 7Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 8Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 9Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 10Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
1
2
TPD1E10B09
www.ti.com
SLLSEB0D – FEBRUARY 2012 – REVISED SEPTEMBER 2015
7 Detailed Description
7.1 Overview
TPD1E10B09 is a single-channel ESD TVS that provides ±20-kV IEC 61000-4-2 (Level 4) contact and air-gap
ESD protection. The 10-pF back-to-back diode architecture is suitable for signals that range from –9 V to 9 V and
supports data rates up to 500 Mbps. The industry-standard 0402 package is convenient for placement in
applications with limited space.
7.2 Functional Block Diagram
7.3 Feature Description
TPD1E10B09 is a bidirectional TVS with high ESD protection level. This device protects circuit from ESD strikes
up to ±20-kV contact and ±20-kV air-gap specified in the IEC 61000-4-2 level 4 international standard. The
device can also handle up to 4.5-A surge current (IEC 61000-4-5 8/20 µs). The I/O capacitance of 10 pF
supports a data rate up to 500 Mbps. This clamping device has a small dynamic resistance of 0.5
Ω typically.
This makes the clamping voltage low when the device is actively protecting other circuits. For example, the
clamping voltage is only 13 V when the device is taking 1-A transient current. The breakdown is bidirectional so
that this protection device is a good fit for GPIO, especially audio lines which carry bidirectional signals. Low
leakage allows the diode to conserve power when working below the VRWM. The industrial temperature range of
–40°C to 125°C makes this ESD device work at extensive temperatures in most environments. The space-saving
0402 package can fit into small electronic devices like mobile equipment and wearables.
7.4 Device Functional Modes
TPD1E10B09 is a passive clamp that has low leakage during normal operation when the voltage between pin 1
and pin 2 is below VRWM and activates when the voltage between pin 1 and pin 2 goes above VBR. During IEC
ESD events, transient voltages as high as ±20 kV can be clamped between the two pins. When the voltages on
the protected lines fall below the trigger voltage, the device reverts back to the low leakage passive state.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPD1E10B09


유사한 부품 번호 - TPD1E10B09DPYR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD1E10B09DPYR TI1-TPD1E10B09DPYR Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
More results

유사한 설명 - TPD1E10B09DPYR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0402 Package
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_14 Datasheet
420Kb / 13P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
logo
Shanghai Leiditech Elec...
PESD0603MS12 LEIDITECH-PESD0603MS12 Datasheet
2Mb / 7P
   PESD0603MS12 Single-Channel ESD Protection Device in 0603 Package
logo
AMAZING Microelectronic...
AZ4617-01F AMAZING-AZ4617-01F Datasheet
191Kb / 7P
   Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/06/30
AZ5423-01F AMAZING-AZ5423-01F Datasheet
280Kb / 7P
   Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/09/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com