전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD4E001-Q1 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD4E001-Q1
상세설명  4-Channel ESD Protection Array With 1.5-pF I/O Capacitance
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E001-Q1 데이터시트(HTML) 5 Page - Texas Instruments

  TPD4E001-Q1 Datasheet HTML 1Page - Texas Instruments TPD4E001-Q1 Datasheet HTML 2Page - Texas Instruments TPD4E001-Q1 Datasheet HTML 3Page - Texas Instruments TPD4E001-Q1 Datasheet HTML 4Page - Texas Instruments TPD4E001-Q1 Datasheet HTML 5Page - Texas Instruments TPD4E001-Q1 Datasheet HTML 6Page - Texas Instruments TPD4E001-Q1 Datasheet HTML 7Page - Texas Instruments TPD4E001-Q1 Datasheet HTML 8Page - Texas Instruments TPD4E001-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
5
10
15
20
25
30
35
40
45
50
Time ( s)
0
10
20
30
40
50
60
70
80
90
100
Power (W)
Current (A)
0
10
20
30
40
50
60
70
80
90
100
±55
±35
±15
5
25
45
65
85
105
125
Temperature (ºC)
C001
V
IO = 5.5 V
V
CC = 5.5 V
0.00
1.00
2.00
2.50
3.00
4.00
5.00
IO Voltage (V)
1.00
1.20
1.40
1.60
1.80
2.00
2.20
TPD4E001-Q1
www.ti.com
SLLSEG0D – MARCH 2013 – REVISED AUGUST 2015
6.7 Typical Characteristics
Figure 1. IO Capacitance versus IO Voltage (VCC = 5 V)
Figure 2. IO Leakage Current versus Temperature
Figure 3. Peak Pulse Waveform, VCC = 5.5 V
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPD4E001-Q1


유사한 부품 번호 - TPD4E001-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD4E001-Q1 TI1-TPD4E001-Q1 Datasheet
732Kb / 14P
[Old version datasheet]   4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
TPD4E001-Q1 TI1-TPD4E001-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001-Q1 TI1-TPD4E001-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001-Q1 TI1-TPD4E001-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001-Q1 TI1-TPD4E001-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
More results

유사한 설명 - TPD4E001-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD4E001-Q1 TI1-TPD4E001-Q1_14 Datasheet
732Kb / 14P
[Old version datasheet]   4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
TPD4E001 TI-TPD4E001_11 Datasheet
744Kb / 19P
[Old version datasheet]   4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
logo
ON Semiconductor
CM1293A-04SO ONSEMI-CM1293A-04SO_12 Datasheet
706Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
ESD1213A-04S7 ONSEMI-ESD1213A-04S7 Datasheet
473Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
March, 2012 ??Rev. 0
logo
Socay Electornics Co., ...
ESD06V36T-4LC SOCAY-ESD06V36T-4LC Datasheet
727Kb / 4P
   4-Channel Low Capacitance ESD Protection Diodes Array
logo
HY ELECTRONIC CORP.
HYESD0524P HY-HYESD0524P Datasheet
254Kb / 4P
   4 Channel Low Capacitance ESD Protection Diode Array
HYESD0514P HY-HYESD0514P Datasheet
253Kb / 4P
   4 Channel Low Capacitance ESD Protection Diode Array
logo
Leshan Radio Company
LRC099-04ABT1G LRC-LRC099-04ABT1G Datasheet
458Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
LRC099-04DT1G LRC-LRC099-04DT1G Datasheet
361Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com