전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC6A596 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TPIC6A596
상세설명  POWER LOGIC 8-BIT SHIFT REGISTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6A596 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPIC6A596_15 Datasheet HTML 7Page - Texas Instruments TPIC6A596_15 Datasheet HTML 8Page - Texas Instruments TPIC6A596_15 Datasheet HTML 9Page - Texas Instruments TPIC6A596_15 Datasheet HTML 10Page - Texas Instruments TPIC6A596_15 Datasheet HTML 11Page - Texas Instruments TPIC6A596_15 Datasheet HTML 12Page - Texas Instruments TPIC6A596_15 Datasheet HTML 13Page - Texas Instruments TPIC6A596_15 Datasheet HTML 14Page - Texas Instruments TPIC6A596_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TPIC6A596
POWER LOGIC 8BIT SHIFT REGISTER
SLIS094A − MARCH 2000 − REVISED MAY 2005
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 11
VCC − Logic Supply Voltage − V
0
0.25
0.5
0.75
1
1.25
1.5
45
6
7
TC = 125°C
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
LOGIC SUPPLY VOLTAGE
TC = 25°C
TC = − 40°C
1.75
2
ID = 350 mA
See Note A
Figure 12
100
60
40
20
140
80
− 50
0
50
100
150
120
SWITCHING TIME
vs
CASE TEMPERATURE
tPLH
tr
tf
TC − Case Temperature − °C
tPHL
ID = 350 mA
See Note A
NOTE A: Technique should limit TJ − TC to 10°C maximum.
DW Package
NE Package
80
60
50
30
0
1
2
345
6
90
100
TYPICAL RθJATHERMAL RESISTANCE
vs
ON BOARD HEATSINK AREA
110
78
9
10
70
40
Copper Heatsink Area − cm2
PC Board
Copper Area
1oz Copper
Figure 13


유사한 부품 번호 - TPIC6A596_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC6A596DW TI-TPIC6A596DW Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596NE TI-TPIC6A596NE Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
More results

유사한 설명 - TPIC6A596_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com