전자부품 데이터시트 검색엔진 |
|
LM2901PWLE 데이터시트(PDF) 5 Page - Texas Instruments |
|
LM2901PWLE 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 19 page LM139, LM139A, LM239, LM239A, LM339, LM339A, LM2901, LM2901V QUAD DIFFERENTIAL COMPARATORS SLCS006L − OCTOBER 1979 − REVISED JUNE 2004 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS† TA‡ LM139 LM139A UNIT PARAMETER TEST CONDITIONS† TA‡ MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage VCC = 5 V to 30 V, VIC = VICR(min), 25 °C 2 5 1 2 mV VIO Input offset voltage VIC = VICR(min), VO = 1.4 V Full range 9 4 mV IIO Input offset current VO = 1.4 V 25 °C 3 25 3 25 nA IIO Input offset current VO = 1.4 V Full range 100 100 nA IIB Input bias current VO = 1.4 V 25 °C −25 −100 −25 −100 nA IIB Input bias current VO = 1.4 V Full range −300 −300 nA VICR Common-mode 25 °C 0 to VCC−1.5 0 to VCC−1.5 V VICR Common-mode input-voltage range Full range 0 to VCC−2 0 to VCC−2 V AVD Large-signal differential-voltage amplification VCC± = ±7.5 V, VO = −5 V to 5 V 25 °C 200 50 200 V/mV IOH High-level output VID = 1 V VOH = 5 V 25 °C 0.1 0.1 nA IOH High-level output current VID = 1 V VOH = 30 V Full range 1 1 µA VOL Low-level output VID = −1 V, IOL = 4 mA 25 °C 150 400 150 400 mV VOL Low-level output voltage VID = −1 V, IOL = 4 mA Full range 700 700 mV IOL Low-level output current VID = −1 V, VOL = 1.5 V 25 °C 6 16 6 16 mA ICC Supply current (four comparators) VO = 2.5 V, No load 25 °C 0.8 2 0.8 2 mA † All characteristics are measured with zero common-mode input voltage, unless otherwise specified. ‡ Full range (MIN to MAX) for LM139 and LM139A is −55°C to 125°C. All characteristics are measured with zero common-mode input voltage, unless otherwise specified. switching characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS LM139 LM139A UNIT PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Response time RL connected to 5 V through 5.1 kΩ, § 100-mV input step with 5-mV overdrive 1.3 µs Response time RL connected to 5 V through 5.1 kΩ, CL = 15 pF§, See Note 8 TTL-level input step 0.3 µs § CL includes probe and jig capacitance. NOTE 8: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V. |
유사한 부품 번호 - LM2901PWLE |
|
유사한 설명 - LM2901PWLE |