전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2010D1YEF 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TPA2010D1YEF
상세설명  2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA2010D1YEF 데이터시트(HTML) 1 Page - Texas Instruments

  TPA2010D1YEF Datasheet HTML 1Page - Texas Instruments TPA2010D1YEF Datasheet HTML 2Page - Texas Instruments TPA2010D1YEF Datasheet HTML 3Page - Texas Instruments TPA2010D1YEF Datasheet HTML 4Page - Texas Instruments TPA2010D1YEF Datasheet HTML 5Page - Texas Instruments TPA2010D1YEF Datasheet HTML 6Page - Texas Instruments TPA2010D1YEF Datasheet HTML 7Page - Texas Instruments TPA2010D1YEF Datasheet HTML 8Page - Texas Instruments TPA2010D1YEF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TPA2010D1
SLOS417A − OCTOBER 2003 − REVISED DECEMBER 2003
2.5W MONO FILTERFREE CLASSD AUDIO POWER AMPLIFIER
FEATURES
D Maximum Battery Life and Minimum Heat
− Efficiency With an 8-
Ω Speaker:
− 88% at 400 mW
− 80% at 100 mW
− 2.8-mA Quiescent Current
− 0.5-
µA Shutdown Current
D Only Three External Components
− Optimized PWM Output Stage Eliminates
LC Output Filter
− Internally Generated 250-kHz Switching
Frequency Eliminates Capacitor and
Resistor
− Improved PSRR (−75 dB) and Wide Supply
Voltage (2.5 V to 5.5 V) Eliminates Need
for a Voltage Regulator
− Fully Differential Design Reduces RF
Rectification and Eliminates Bypass
Capacitor
− Improved CMRR Eliminates Two Input
Coupling Capacitors
D Wafer Chip Scale Packaging (WCSP)
− NanoFree
E Lead-Free (YZF)
− NanoStar
E SnPb (YEF)
APPLICATIONS
D Ideal for Wireless or Cellular Handsets and
PDAs
DESCRIPTION
The TPA2010D1 is a 2.5-W high efficiency filter-free
class-D audio power amplifier in a 1.45 mm
× 1.45 mm
wafer chip scale package (WCSP) that requires only three
external components.
Features like 88% efficiency, −75-dB PSRR, improved
RF-rectification immunity, and 8 mm2 total PCB area make
the TPA2010D1 ideal for cellular handsets. A fast start-up
time of 1 ms with minimal pop makes the TP2010D1 ideal
for PDA applications.
In cellular handsets, the earpiece, speaker phone, and
melody ringer can each be driven by the TPA2010D1. The
TPA2010D1 allows independent gain while summing
signals from seperate sources, and has a low 36
µV noise
floor, A-weighted.
APPLICATION CIRCUIT
_
+
IN−
IN+
PWM
H−
Bridge
VO+
VO−
Internal
Oscillator
CS
To Battery
VDD
GND
Bias
Circuitry
RI
RI
+
Differential
Input
TPA2010D1
SHUTDOWN
A1
A2
A3
B1
B2
B3
C1
C2
C3
IN+
GND
VO−
VDD
PVDD
GND
IN−
SHUTDOWN VO+
1,55 mm
9-BALL
WAFER CHIP SCALE
YZF, YEF PACKAGES
TPA2010D1 DIMENSIONS
(TOP VIEW OF PCB)
Note: Pin A1 is marked with a “0” for
Pb−free (YZF) and a “1” for SnPb (YEF).
1,40 mm
1,55 mm
1,40 mm
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2003, Texas Instruments Incorporated
NanoFree and NanoStar are trademarks of Texas Instruments.


유사한 부품 번호 - TPA2010D1YEF

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2010D1YEF TI-TPA2010D1YEF Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEFR TI-TPA2010D1YEFR Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEFR TI1-TPA2010D1YEFR Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2010D1YEFT TI-TPA2010D1YEFT Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEFT TI1-TPA2010D1YEFT Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
More results

유사한 설명 - TPA2010D1YEF

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com