전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC43T01 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TPIC43T01
상세설명  THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC43T01 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPIC43T01 Datasheet HTML 4Page - Texas Instruments TPIC43T01 Datasheet HTML 5Page - Texas Instruments TPIC43T01 Datasheet HTML 6Page - Texas Instruments TPIC43T01 Datasheet HTML 7Page - Texas Instruments TPIC43T01 Datasheet HTML 8Page - Texas Instruments TPIC43T01 Datasheet HTML 9Page - Texas Instruments TPIC43T01 Datasheet HTML 10Page - Texas Instruments TPIC43T01 Datasheet HTML 11Page - Texas Instruments TPIC43T01 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TPIC43T01, TPIC43T02
THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
SLIS098 – APRIL 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TC = 25°C, VCC = 24V (unless otherwise noted) (continued)
digital input pins
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Digital input high level input voltage
Interface from 3.3 V controller
2.2
V
VIL
Digital input low level input voltage
Interface from 3.3 V controller
1.1
V
I(pullup)
Digital input pullup current, S/S, FSEL
VIN = 2.2 V
–9
–14
–18
µA
I(F/R)
Digital input pulldown current, F/R
VIN = 1.1 V
17.5
27
35
µA
I(TEST)
TEST input pulldown current
VIN = 1.1 V
130
200
250
µA
switching characteristics, TC = 25°C, VCC = 24 V
charge pump
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(CP)
Switching frequency
180
kHz
f(CP)
Switching frequency
TC = 0 to 70°C
140
220
kHz
FG signal conditioning
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BW
Gain bandwidth (see Note 2)
200
kHz
NOTE 2. Design target only. Not tested in production.
FG reference crystal oscillator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(OSC)
Crystal frequency range (see Note 2)
5
6.87
10
MHz
f(OSC1)
OSC1 frequency range
OSC1 driven externally, see FG Reference
Oscillator section
1
10
MHz
NOTE 2. Design target only. Not tested in production.
PWM control
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(PWM)
PWM frequency
22.7
kHz
f(PWM)
PWM frequency
TC = 0 to 70°C
18
27
kHz
t(DT)
Gate drive dead time control
See Figure 3
1
3.2
µs
digital filter f(s) RC oscillator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(CT)
Oscillator frequency (see Note 2)
1/(2
× RT × CT) ±10%
Hz
NOTE 2. Design target only. Not tested in production.
lock detection timer
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(CLT)
CLT oscillator frequency (see Note 2)
1/(2
× RT × CLT) ±10%
Hz
NOTE 2. Design target only. Not tested in production.
lock detection
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LDERR†
Lock detect threshold
±5
%
† Non JEDEC symbol.


유사한 부품 번호 - TPIC43T01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC43T01 TI-TPIC43T01 Datasheet
376Kb / 27P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
TPIC43T01DA TI-TPIC43T01DA Datasheet
376Kb / 27P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
More results

유사한 설명 - TPIC43T01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC43T01 TI-TPIC43T01 Datasheet
376Kb / 27P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com