전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

YSS902 데이터시트(PDF) 9 Page - YAMAHA CORPORATION

부품명 YSS902
상세설명  Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAMAHA [YAMAHA CORPORATION]
홈페이지  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS902 데이터시트(HTML) 9 Page - YAMAHA CORPORATION

Back Button YSS902 Datasheet HTML 4Page - YAMAHA CORPORATION YSS902 Datasheet HTML 5Page - YAMAHA CORPORATION YSS902 Datasheet HTML 6Page - YAMAHA CORPORATION YSS902 Datasheet HTML 7Page - YAMAHA CORPORATION YSS902 Datasheet HTML 8Page - YAMAHA CORPORATION YSS902 Datasheet HTML 9Page - YAMAHA CORPORATION YSS902 Datasheet HTML 10Page - YAMAHA CORPORATION YSS902 Datasheet HTML 11Page - YAMAHA CORPORATION YSS902 Datasheet HTML 12Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
YSS902
9
(Registermap continued)
address
Name
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0x26
Bitstream Register 14
langcod2
0x27
Bitstream Register 15
compr
0x28
Bitstream Register 16
compr2
0x29
Bitstream Register 17
dynrng
0x2A
Bitstream Register 18
dynrng2
0x2B
0x2C
0x2D
(not used)
(write disable, all “0” out when read)
0x2E
Data Stream Register
STREAM7 STREAM6 STREAM5 STREAM4 STREAM3 STREAM2 STREAM1 STREAM0
0x2F
Status Register
0
0
2/0MODE
SURENC KARAOKE
MUTE
CRC
NONPCM
Address 0x06 to 0x08 and 0x37 to 0x7F are assigned for TEST. Never access to these registers.
Please refer to Application manual for details of Control register.
SERIAL DATA INTERFACE
Data timing of the serial data interface is as follows.
Please refer to Application manual for details of SDIA, SDOA, SDIB, and SDOB registers.


유사한 부품 번호 - YSS902

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
YSS901 ETC-YSS901 Datasheet
140Kb / 14P
   SD Stereo dipole
logo
YAMAHA CORPORATION
YSS903 YAMAHA-YSS903 Datasheet
1Mb / 28P
   Karaoke Processor 2 for Video disc player
More results

유사한 설명 - YSS902

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
YSS912C ETC-YSS912C Datasheet
141Kb / 14P
   DOLBY DIGITAL (AC-3) / PRO LOGIC / DTS DECODER SUB DSP
YSS248 ETC-YSS248 Datasheet
1Mb / 12P
   DOLBY AC-3 PRO LOGIC DECODER
logo
YAMAHA CORPORATION
YSS932 YAMAHA-YSS932 Datasheet
403Kb / 23P
   96kHz DIR Dolby Digital / Pro Logic II / DTS decoder Sub DSP
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJU26203A NJRC-NJU26203A Datasheet
215Kb / 11P
   Dolby Pro Logic II Decoder
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com