전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC2701N 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TPIC2701N
상세설명  7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2701N 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPIC2701N Datasheet HTML 4Page - Texas Instruments TPIC2701N Datasheet HTML 5Page - Texas Instruments TPIC2701N Datasheet HTML 6Page - Texas Instruments TPIC2701N Datasheet HTML 7Page - Texas Instruments TPIC2701N Datasheet HTML 8Page - Texas Instruments TPIC2701N Datasheet HTML 9Page - Texas Instruments TPIC2701N Datasheet HTML 10Page - Texas Instruments TPIC2701N Datasheet HTML 11Page - Texas Instruments TPIC2701N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TPIC2701
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
SLIS019A − SEPTEMBER 1992 − REVISED SEPTEMBER 1996
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0.3
0.2
0.1
0
0.4
0.5
0.6
0.7
0.8
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
0.9
VGS = 15 V
VGS = 10 V
0
125
50
− 50
− 25
25
100
75
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
ID − Drain Current − A
0.5
0.4
0.2
0.1
0
0.9
0.3
0
0.5
1
1.5
0.7
0.6
0.8
1
2
2.5
VGS = 6 V
VGS = 15 V
VGS = 20 V
ID = 0.5 A
TA = 25°C
Figure 5
Figure 6
5
0
0.76
0.775
0.79
10
15
0.805
0.82
DISTRIBUTION OF
FORWARD TRANSCONDUCTANCE
gfs − Forward Transconductance − S
2.5
2
1
0.5
0
4.5
1.5
0
2
10
14
3.5
3
4
5
20
DRAIN-TO-SOURCE CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
VDS − Drain-to-Source Voltage − V
12
18
16
46
8
VGS = 5 V
VGS = 4.5 V
VGS = 4 V
VGS = 3.5 V
VGS = 3 V
TA = 25°C
ID = 0.5 A
VDS = 15 V
TA = 25°C
VGS = 2.5 V
Figure 7
Figure 8


유사한 부품 번호 - TPIC2701N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC2701N TI-TPIC2701N Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
More results

유사한 설명 - TPIC2701N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com