전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC2810DR 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPIC2810DR
상세설명  8-BIT LED DRIVER WITH 12C INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2810DR 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPIC2810DR Datasheet HTML 6Page - Texas Instruments TPIC2810DR Datasheet HTML 7Page - Texas Instruments TPIC2810DR Datasheet HTML 8Page - Texas Instruments TPIC2810DR Datasheet HTML 9Page - Texas Instruments TPIC2810DR Datasheet HTML 10Page - Texas Instruments TPIC2810DR Datasheet HTML 11Page - Texas Instruments TPIC2810DR Datasheet HTML 12Page - Texas Instruments TPIC2810DR Datasheet HTML 13Page - Texas Instruments TPIC2810DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TPIC2810
8BIT LED DRIVER WITH I2C INTERFACE
SLIS109A − DECEMBER 2001 − REVISED SEPTEMBER 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
2
4
6
8
10
12
14
2.7
3.3
3.9
4.5
5.1
5.7
6.3
6.9
VCC − Logic Supply Voltage − V
TC = 25°C
TC = 125°C
TC = −40°C
ID = 100 mA
Figure 5. Static Drain-Source On-State Resistance vs
Logic Supply Voltage
TC − Case Temperature − °C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
−40
−20
0
20
40
60
80
100
120
tPLH
tr
tPHL
tf
ID = 75 mA
Figure 6. Switching Time vs Case Temperature


유사한 부품 번호 - TPIC2810DR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
More results

유사한 설명 - TPIC2810DR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
logo
Exar Corporation
XRP6840 EXAR-XRP6840_10 Datasheet
116Kb / 2P
   4.3A Super Capacitor Flash LED Driver with 12C
logo
ELMOS Semiconductor AG
E522.46 ELMOS-E522.46 Datasheet
308Kb / 2P
   8 Channel LED Driver with I짼C Interface
logo
Silicon Touch Technolog...
11-MD118A SITI-11-MD118A Datasheet
515Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
11-MD118B SITI-11-MD118B Datasheet
339Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
logo
Texas Instruments
TLC59731 TI-TLC59731 Datasheet
428Kb / 24P
[Old version datasheet]   3-Channel, 8-Bit, PWM LED Driver with Single-Wire Interface (EasySet)
logo
SamHop Microelectronics...
SM6B595 SAMHOP-SM6B595 Datasheet
149Kb / 9P
   8-BIT LED DRIVER
logo
ams AG
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
   Constant-Current, 8-Bit LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com