전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC6595DWR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPIC6595DWR
상세설명  POWER LOGIC 8-BIT SHIFT REGISTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6595DWR 데이터시트(HTML) 1 Page - Texas Instruments

  TPIC6595DWR Datasheet HTML 1Page - Texas Instruments TPIC6595DWR Datasheet HTML 2Page - Texas Instruments TPIC6595DWR Datasheet HTML 3Page - Texas Instruments TPIC6595DWR Datasheet HTML 4Page - Texas Instruments TPIC6595DWR Datasheet HTML 5Page - Texas Instruments TPIC6595DWR Datasheet HTML 6Page - Texas Instruments TPIC6595DWR Datasheet HTML 7Page - Texas Instruments TPIC6595DWR Datasheet HTML 8Page - Texas Instruments TPIC6595DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TPIC6595
POWER LOGIC 8BIT SHIFT REGISTER
SLIS010B − APRIL 1992 − REVISED MAY 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low rDS(on) . . . 1.3 Ω Typical
D Avalanche Energy . . . 75 mJ
D Eight Power DMOS Transistor Outputs of
250-mA Continuous Current
D 1.5-A Pulsed Current Per Output
D Output Clamp Voltage at 45 V
D Devices Are Cascadable
D Low Power Consumption
description
The TPIC6595 is a monolithic, high-voltage, high-
current power 8-bit shift register designed for use
in systems that require relatively high load power.
The device contains a built-in voltage clamp on
the outputs for inductive transient protection.
Power driver applications include relays, sole-
noids, and other medium-current or high-voltage
loads.
This device contains an 8-bit serial-in, parallel-out
shift register that feeds an 8-bit D-type storage
register. Data transfers through both the shift and
storage registers on the rising edge of the
shift-register clock (SRCK) and the register clock
(RCK) respectively. The storage register transfers
data
to
the
output
buffer
when
shift-
register clear (SRCLR) is high. When SRCLR is
low, the input shift register is cleared. When output
enable (G) is held high, all data in the output
buffers is held low and all drain outputs are off.
When G is held low, data from the storage register
is transparent to the output buffers. The serial
output (SER OUT) allows for cascading of the
data from the shift register to additional devices.
Outputs
are
low-side,
open-drain
DMOS
transistors with output ratings of 45 V and 250-mA
continuous sink current capability. When data in the output buffers is low, the DMOS-transistor outputs are off.
When data is high, the DMOS-transistor outputs have sink current capability.
Separate power and logic level ground pins are provided to facilitate maximum system flexibility. Pins 1, 10, 11,
and 20 are internally connected, and each pin must be externally connected to the power system ground in order
to minimize parasitic inductance. A single-point connection between pin 19, logic ground (LGND), and pins 1,
10, 11, and 20, power grounds (PGND), must be externally made in a manner that reduces crosstalk between
the logic and load circuits.
The TPIC6595 is characterized for operation over the operating case temperature range of − 40
°C to 125°C.
Copyright
 1992 − 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PGND
VCC
SER IN
DRAIN0
DRAIN1
DRAIN2
DRAIN3
SRCLR
G
PGND
PGND
LGND
SER OUT
DRAIN7
DRAIN6
DRAIN5
DRAIN4
SRCK
RCK
PGND
DW OR N PACKAGE
(TOP VIEW)
logic symbol
2
SRG8
9
12
8
13
3
EN3
C2
R
C1
1D
G
RCK
SRCLR
SRCK
SER IN
4
6
5
14
7
16
15
18
17
DRAIN0
DRAIN1
DRAIN2
DRAIN3
DRAIN4
DRAIN5
DRAIN6
DRAIN7
SER OUT
2


유사한 부품 번호 - TPIC6595DWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC6595DW TI-TPIC6595DW Datasheet
139Kb / 9P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
More results

유사한 설명 - TPIC6595DWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com