전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPL5110DDCT 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPL5110DDCT
상세설명  TPL5110 Nano-power System Timer for Power Gating
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5110DDCT 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPL5110DDCT Datasheet HTML 6Page - Texas Instruments TPL5110DDCT Datasheet HTML 7Page - Texas Instruments TPL5110DDCT Datasheet HTML 8Page - Texas Instruments TPL5110DDCT Datasheet HTML 9Page - Texas Instruments TPL5110DDCT Datasheet HTML 10Page - Texas Instruments TPL5110DDCT Datasheet HTML 11Page - Texas Instruments TPL5110DDCT Datasheet HTML 12Page - Texas Instruments TPL5110DDCT Datasheet HTML 13Page - Texas Instruments TPL5110DDCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
DRV
DONE
EN/
ONE_SHOT
DELAY/
M_DRV
ttM_DRVt
ttDBt
ttM_DRVt
NOT VALID M_DRV
VALID M_DRV
ttIPt
ttM_DRVt
IGNORED M_DRV
DRV ALREADY LOW
ttIPt
DRV
DONE
EN/
ONE_SHOT
DELAY/
M_DRV
POR
RESISTANCE
READING
ttIPt
ttDRVt
MISSED
DONE
FORCED
DRV RISING
10
TPL5110
SNAS650 – JANUARY 2015 – REVISED JANUARY 2015
www.ti.com
Product Folder Links: TPL5110
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 10. Startup One Shot Mode, (no DONE received within tIP)
8.5 Programming
8.5.1 Configuring the Time Interval with the DELAY/M_DRV Pin
The time interval between 2 adjacent DRV pulses (falling edges, in timer mode) is selectable through an external
resistance (REXT) between the DELAY/M_DRV pin and ground. The resistance (REXT) must be in the range
between 500
Ω and 170kΩ. At least a 1% precision resistance is recommended. See section Selection of the
External Resistance on how to set the time interval using REXT.
8.5.2 Manual MOSFET Power ON Applied to the DELAY/M_DRV Pin
If VDD is connected to the DELAY/M_DRV pin, the TPL5110 recognizes this as a manual MOSFET Power ON
condition. In this case the time interval is not set. If the manual MOSFET Power ON is asserted during the POR
or during the reading procedure, the reading procedure is aborted and is re-started as soon as the manual
MOSFET Power ON switch is released. A pulse on the DELAY/M_DRV pin is recognized as a valid manual
MOSFET Power ON only if it lasts at least 20ms (observation time is 30ms). The manual MOSFET Power ON
may be implemented using a switch (momentary mechanical action).
If the DRV is already LOW (MOSFET ON) the manual MOSFET Power ON is ignored.
Figure 11. Manual MOSFET Power ON in Timer Mode


유사한 부품 번호 - TPL5110DDCT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL5110 TI1-TPL5110 Datasheet
935Kb / 26P
[Old version datasheet]   Supply Voltage from 1.8V to 5.5V
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
TPL5110QDDCRQ1 TI1-TPL5110QDDCRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
TPL5110QDDCTQ1 TI1-TPL5110QDDCTQ1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
More results

유사한 설명 - TPL5110DDCT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
TPL5111 TI1-TPL5111_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
logo
SparkFun Electronics
PRT-15353 SPARKFUN-PRT-15353 Datasheet
216Kb / 2P
   SparkFun Nano Power Timer - TPL5110
6??2??9
logo
Texas Instruments
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5100 TI1-TPL5100 Datasheet
859Kb / 20P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
logo
Rohm
BD39040MUF-C ROHM-BD39040MUF-C Datasheet
2Mb / 29P
   System Power Good Watchdog Timer Reset for Automotive
15.Feb.2019 Rev.001
logo
Texas Instruments
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com