전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HC154ME4 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HC154ME4
상세설명  High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HC154ME4 데이터시트(HTML) 4 Page - Texas Instruments

  CD74HC154ME4 Datasheet HTML 1Page - Texas Instruments CD74HC154ME4 Datasheet HTML 2Page - Texas Instruments CD74HC154ME4 Datasheet HTML 3Page - Texas Instruments CD74HC154ME4 Datasheet HTML 4Page - Texas Instruments CD74HC154ME4 Datasheet HTML 5Page - Texas Instruments CD74HC154ME4 Datasheet HTML 6Page - Texas Instruments CD74HC154ME4 Datasheet HTML 7Page - Texas Instruments CD74HC154ME4 Datasheet HTML 8Page - Texas Instruments CD74HC154ME4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC and
GND
0
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 3)
VCC
-2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
3. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
A0 - A3
1.4
E1, E2
1.3
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Table, e.g.,
360
µA max at 25oC.
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay (Figure 1)
tPLH, tPHL CL = 50pF
2
-
-
175
-
220
-
265
ns
Address to Output
4.5
-
-
35
-
44
-
53
ns
CL =15pF
5
-
14
-
-
-
-
-
ns
CL = 50pF
6
-
-
30
-
37
-
45
ns
CD54HC154, CD74HC154, CD54HCT154, CD74HCT154


유사한 부품 번호 - CD74HC154ME4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC154ME4 TI-CD74HC154ME4 Datasheet
372Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD74HC154ME4 TI-CD74HC154ME4 Datasheet
401Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
More results

유사한 설명 - CD74HC154ME4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC154 TI-CD74HC154 Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer
CD54HC154 TI-CD54HC154_07 Datasheet
372Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD54HC154 TI-CD54HC154_08 Datasheet
401Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD54HC4514 TI-CD54HC4514_08 Datasheet
404Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
CD54HC4514F TI-CD54HC4514F Datasheet
551Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
CD54HC4514 TI-CD54HC4514 Datasheet
375Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
CD54-74HC4514 TI-CD54-74HC4514 Datasheet
233Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 4-TO-16 LINE DECODER/DEMULTIPLEXER WITH INPUT LATCHES
CD74HC139 TI-CD74HC139 Datasheet
36Kb / 6P
[Old version datasheet]   High-Speed CMOS Logic Dual 2-to-4 Line Decoder/Demultiplexer
logo
Harris Corporation
CD74HCT139 HARRIS-CD74HCT139 Datasheet
26Kb / 5P
   High Speed CMOS Logic Dual 2-to-4 Line Decoder/Demultiplexer
logo
Texas Instruments
CD54HC139 TI-CD54HC139_07 Datasheet
415Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 2- to 4-Line Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com