전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX55C6V2 데이터시트(PDF) 1 Page - Diode Semiconductor Korea

부품명 BZX55C6V2
상세설명  Silicon planar power zener diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DSK [Diode Semiconductor Korea]
홈페이지  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BZX55C6V2 데이터시트(HTML) 1 Page - Diode Semiconductor Korea

  BZX55C6V2 Datasheet HTML 1Page - Diode Semiconductor Korea BZX55C6V2 Datasheet HTML 2Page - Diode Semiconductor Korea BZX55C6V2 Datasheet HTML 3Page - Diode Semiconductor Korea BZX55C6V2 Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Silicon planar power zener diodes
The zener voltages are graded according to the
international E 24 standard. Standard zener voltage
tolerance is ±5%. Replace suffix "C" with "B" for ±2%,
MECHANICAL DATA
Case:DO-35, Glass Case
Terminals: Solderable per MIL-STD-202, method 208
Polarity: Cathode band
Marking: Type number
Approx. Weight: 0.1
3 grams.
Thermal resistance junction to ambient
Forw ard voltage at IF=100mA
3001)
Storage temperature range
Ts
-55---+175
Pow er dissipation @ Tamb=25
Ptot
5001)
N
OTES: (1) Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature.
1.0
V
/W
SYMBOL
VF
UNIT
MAX
TYP
MIN
RθJA
Junction temperature
TJ
175
mW
Zener current (see Table "Characteristics")
BZX55 --- SERIES
Replace suffix "C" with "A" for ±1%.
ZENER DIODES
other voltage tolerance and other zener voltage are
POWER DISSIPATION:
500 mW
DO-35(GLASS)
UNIT
VALUE
SYMBOL
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
DO-34(GLASS)
available upon request.
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


유사한 부품 번호 - BZX55C6V2

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BZX55C6V2 VISHAY-BZX55C6V2 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Continental Device Indi...
BZX55C6V2 CDIL-BZX55C6V2 Datasheet
104Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55C6V2 VISHAY-BZX55C6V2 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Zibo Seno Electronic En...
BZX55C6V2 ZSELEC-BZX55C6V2 Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Shenzhen Luguang Electr...
BZX55C6V2 LUGUANG-BZX55C6V2 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

유사한 설명 - BZX55C6V2

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com