전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK11C68-5L45M 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 STK11C68-5L45M
상세설명  CMOS NV SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

STK11C68-5L45M 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STK11C68-5L45M Datasheet HTML 2Page - List of Unclassifed Manufacturers STK11C68-5L45M Datasheet HTML 3Page - List of Unclassifed Manufacturers STK11C68-5L45M Datasheet HTML 4Page - List of Unclassifed Manufacturers STK11C68-5L45M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK11C68-5L45M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK11C68-5L45M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK11C68-5L45M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK11C68-5L45M Datasheet HTML 9Page - List of Unclassifed Manufacturers STK11C68-5L45M Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
STK11C68-M
4-39
Internally,
RECALL is a two step procedure. First, the
SRAM data is cleared and second, the nonvolatile
information is transferred into the SRAM cells. The
RECALL operation in no way alters the data in the
EEPROM cells. The nonvolatile data can be recalled
an unlimited number of times.
On power-up, once VCC exceeds the VCC sense volt-
age of 4.0V, a
RECALL cycle is automatically initiated.
The voltage on the VCC pin must not drop below 4.0V
once it has risen above it in order for the
RECALL to
operate properly.
Due to this automatic
RECALL,
SRAM operation cannot commence until tRECALL after
VCC exceeds 4.0V. 4.0V is a typical, characterized
value.
If the STK11C68-M is in a WRITE state at the end of
power-up
RECALL, the SRAM data will be corrupted.
To help avoid this situation, a 10K Ohm resistor should
be connected between W and system VCC.


유사한 부품 번호 - STK11C68-5L45M

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
STK11C68-5L45M CYPRESS-STK11C68-5L45M Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
More results

유사한 설명 - STK11C68-5L45M

제조업체부품명데이터시트상세설명
logo
Dallas Semiconductor
DS2227 DALLAS-DS2227 Datasheet
191Kb / 10P
   Flexible NV SRAM Stik
logo
Maxim Integrated Produc...
DS2227 MAXIM-DS2227 Datasheet
196Kb / 10P
   Flexible NV SRAM Stik
112099
logo
Dallas Semiconductor
DS3802 DALLAS-DS3802 Datasheet
98Kb / 2P
   Advanced NV SRAM Battery
DS3800 DALLAS-DS3800 Datasheet
26Kb / 2P
   Advanced NV SRAM Battery Cap
logo
Maxim Integrated Produc...
DS3803 MAXIM-DS3803 Datasheet
584Kb / 10P
   1024 Flexible NV SRAM SIMM
112299
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
   NV SRAM with Phantom Clock
DS1251 ARTSCHIP-DS1251 Datasheet
586Kb / 18P
   NV SRAM with Phantom Clock
logo
List of Unclassifed Man...
STK12C68-M ETC-STK12C68-M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
logo
Dallas Semiconductor
DS3803 DALLAS-DS3803 Datasheet
231Kb / 10P
   1024k Flexible NV SRAM SIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com