전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS546C20A 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS546C20A
상세설명  4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS546C20A 데이터시트(HTML) 3 Page - Texas Instruments

  TPS546C20A Datasheet HTML 1Page - Texas Instruments TPS546C20A Datasheet HTML 2Page - Texas Instruments TPS546C20A Datasheet HTML 3Page - Texas Instruments TPS546C20A Datasheet HTML 4Page - Texas Instruments TPS546C20A Datasheet HTML 5Page - Texas Instruments TPS546C20A Datasheet HTML 6Page - Texas Instruments TPS546C20A Datasheet HTML 7Page - Texas Instruments TPS546C20A Datasheet HTML 8Page - Texas Instruments TPS546C20A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 97 page
background image
Thermal
Pad
1
RT
2
VSEL
3
SS
4
PMB_DATA
5
PMB_CLK
6
SMB_ALRT
7
BOOT
8
SW
9
SW
10
SW
11
SW
12
SW
21
PVIN
22
PVIN
23
PVIN
24
PVIN
25
PVIN
26
DRGND
27
BP3
28
BP6
29
AVIN
30
RESET/PGD
31
ISHARE
32
VSHARE
Not to scale
3
TPS546C20A
www.ti.com
SLUSCK1A – JULY 2016 – REVISED AUGUST 2016
Product Folder Links: TPS546C20A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
RVF Package
40-Pin LQFN With Exposed Thermal Pad
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AGND
38
Analog ground return for controller device. Connect this pin to PGND and DRGND at the thermal pad.
AVIN
29
I
Input power to the controller. Connect a low-impedance bypass with a minimum of 1 µF to PGND. The AVIN
voltage is also used for input feed-forward. PVIN and AVIN must be the same potential for accurate short
circuit protection.
BP3
27
O
Output of the 3.3-V onboard regulator. This regulator powers the controller and should be bypassed with a
minimum of 2.2 µF to AGND. The BP3 pin is not designed to power external circuit.
BP6
28
O
Output of the 6.5-V onboard regulator. This regulator powers the driver stage of the controller and should be
bypassed with a minimum of 2.2 µF to the thermal pad (power-stage ground, essentially PGND). TI
recommends using an additional 100-nF (typical) bypass capacitor for reducing ripple on BP6. The low-
impedance bypassing of this pin to PGND is critical.
BOOT
7
I/O
Bootstrap pin for the internal flying high-side driver. Connect a 100-nF (typical) capacitor from this pin to the
SW pin. To reduce the voltage spike at SW, a BOOT resistor with a value between 1 Ω to 15 Ω can be
placed in series with the BOOT capacitor to slow down turnon of the high-side FET.
CNTL
40
I
PMBus CNTL pin. See the Supported PMBus Commands section. The CNTL pin has an internal pullup and
floats high when left floating.
COMP
37
O
Output of the error amplifier. Connect compensator network from this pin to the FB pin.
DIFFO
35
O
Output of the differential remote sense amplifier. This provides remote sensing for output voltage reporting
and the voltage control loop. For the loop slave device in a 2-phase configuration, the DIFFO pin can be left
floating.
DRGND
26
Power ground return for controller device. This pin should be directly connected to the thermal pad on the
PCB board.
FB
36
I
Feedback pin for the control loop. Negative input of the error amplifier. In 2-phase configuration, the FB pin
of the loop slave device should be tied to the BP3 pin.


유사한 부품 번호 - TPS546C20A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23RVFR TI1-TPS546C23RVFR Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23RVFT TI1-TPS546C23RVFT Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
More results

유사한 설명 - TPS546C20A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544B20 TI-TPS544B20_15 Datasheet
2Mb / 74P
[Old version datasheet]   TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
TPS544C25 TI1-TPS544C25 Datasheet
2Mb / 100P
[Old version datasheet]   4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
TPSM8S6C24 TI1-TPSM8S6C24 Datasheet
3Mb / 175P
[Old version datasheet]   TPSM8S6C24, 2.95-V to 16-V, Single 35-A, Synchronous, Buck Power Module, Up to 4 × Stackable, With PMBus® and Extended Write Protection
AUGUST 2023
TPS546D24 TI1-TPS546D24 Datasheet
238Kb / 9P
[Old version datasheet]   2.95-V to 16-V, 40-A, up to 4횞 Stackable, PMBus Buck Converter
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com