전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS546C20ARVFT 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS546C20ARVFT
상세설명  4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS546C20ARVFT 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPS546C20ARVFT Datasheet HTML 5Page - Texas Instruments TPS546C20ARVFT Datasheet HTML 6Page - Texas Instruments TPS546C20ARVFT Datasheet HTML 7Page - Texas Instruments TPS546C20ARVFT Datasheet HTML 8Page - Texas Instruments TPS546C20ARVFT Datasheet HTML 9Page - Texas Instruments TPS546C20ARVFT Datasheet HTML 10Page - Texas Instruments TPS546C20ARVFT Datasheet HTML 11Page - Texas Instruments TPS546C20ARVFT Datasheet HTML 12Page - Texas Instruments TPS546C20ARVFT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 97 page
background image
9
TPS546C20A
www.ti.com
SLUSCK1A – JULY 2016 – REVISED AUGUST 2016
Product Folder Links: TPS546C20A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
TJ = –40°C to 125°C, VPVIN = VAVIN= 12 V, RRT = 40.2 kΩ; zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFBOVF
Overvoltage fault threshold at FB pin
Factory default, at VREF = 600 mV
113
117
121
% VREF
VFBUVF
Undervoltage fault threshold at FB pin
Factory default, at VREF = 600mV
79
83
87
% VREF
OUTPUT VOLTAGE TRIMMIN8
VFBRES
Resolution of FB steps with
VOUT_COMMAND, Trim and Margin
2-9
V
VOUT_TRANSIT
ION_RATE
Output voltage transition rate
Factory default setting
1
mV/µs
Programmable range, 8 discrete settings
0.067
1.5
Accuracy
–10%
10%
VOUT_SCALE_L
OOP
Feedback loop scaling factor
Factory default setting
1
Programmable range, 3 discrete settings
0.25
1
VOUT_COMMA
ND
Output voltage programmable register
value, multiply by 2-9 to get output
voltage
Factor default setting
307
Programmable
range
VOUT_SCALE_LOOP = 1
179
845
VOUT_SCALE_LOOP = 0.5(1)
358
1690
VOUT_SCALE_LOOP = 0.25(1)
716
2816
TEMPERATURE SENSE AND THERMAL SHUTDOWN
TSD
Junction thermal shutdown
temperature(1)
135
145
160
°C
THYST
Junction thermal shutdown hysteresis(1)
25
°C
OT_FAULT_LIMI
T
Internal overtemperature fault limit(1)
Factory default setting
145
°C
Programmable range
120
165
OT_WARN_LIMI
T
Internal overtemperature warning limit(1)
Factory default setting
120
°C
Programmable range
100
140
TOT(hys)
Internal overtemperature fault, warning
hysteresis(1)
15
20
25
°C
MEASUREMENT SYSTEM
MVOUT(rng)
Output voltage measurement range(1)
0
5.8
V
MVOUT(acc)
Output voltage measurement accuracy
DIFFO = 1.2 V
–2%
2%
%
MVOUT(lsb)
Output voltage measurement bit
resolution(1)
2-9
V
MIOUT(rng)
Output current measurement range(1)
0
52
A
MIOUT(acc)
Output current measurement accuracy
IOUT ≥ 20 A
–15%
15%
3A
≤ IOUT <20 A
–3
3
A
MIOUT(lsb)
Output current measurement bit
resolution(1)
62.5
mA
MTSNS(rng)
Internal temperature sense range(1)
-40
165
°C
MTSNS(acc)
Internal temperature sense accuracy(1)
-40°C
≤ TJ ≤ 165°C
–5
5
°C
MTSNS(lsb)
Internal temperature sense bit
resolution(1)
1
°C
PMBUS INTERFACE
VIH(PMBUS)
High-level input voltage on PMB_CLK,
PMB_DATA, CNTL
1.35
V
VIL(PMBUS)
Low-level input voltage on PMB_CLK,
PMB_DATA, CNTL
0.8
V
VhysCNTL
Hysteresis on CNTL
170
mV
IIH(PMBUS)
Input high level current into PMB_CLK,
PMB_DATA
–10
10
μA
IIL(PMBUS)
Input low level current into PMB_CLK,
PMB_DATA
–10
10
μA
ICNTL
CNTL pin pullup current
5
10
μA
VOL(PMBUS)
Output low level voltage on
PMB_DATA, SMB_ALRT
VAVIN > 4.5 V, input current to PMB_DATA,
SMB_ALRT = 4 mA
0.4
V
IOH(PMBUS)
Output high level open drain leakage
current into PMB_DATA, SMB_ALRT
Voltage on PMB_DATA, SMB_ALRT = 5.5 V
10
μA


유사한 부품 번호 - TPS546C20ARVFT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23RVFR TI1-TPS546C23RVFR Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23RVFT TI1-TPS546C23RVFT Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
More results

유사한 설명 - TPS546C20ARVFT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544B20 TI-TPS544B20_15 Datasheet
2Mb / 74P
[Old version datasheet]   TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
TPS544C25 TI1-TPS544C25 Datasheet
2Mb / 100P
[Old version datasheet]   4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
TPSM8S6C24 TI1-TPSM8S6C24 Datasheet
3Mb / 175P
[Old version datasheet]   TPSM8S6C24, 2.95-V to 16-V, Single 35-A, Synchronous, Buck Power Module, Up to 4 × Stackable, With PMBus® and Extended Write Protection
AUGUST 2023
TPS546D24 TI1-TPS546D24 Datasheet
238Kb / 9P
[Old version datasheet]   2.95-V to 16-V, 40-A, up to 4횞 Stackable, PMBus Buck Converter
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com