전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS548D21 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS548D21
상세설명  1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter Supporting AVSO and Full Differential Sense
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS548D21 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPS548D21 Datasheet HTML 7Page - Texas Instruments TPS548D21 Datasheet HTML 8Page - Texas Instruments TPS548D21 Datasheet HTML 9Page - Texas Instruments TPS548D21 Datasheet HTML 10Page - Texas Instruments TPS548D21 Datasheet HTML 11Page - Texas Instruments TPS548D21 Datasheet HTML 12Page - Texas Instruments TPS548D21 Datasheet HTML 13Page - Texas Instruments TPS548D21 Datasheet HTML 14Page - Texas Instruments TPS548D21 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
EN_UVLO
VOSNS
AGND
+
VREF
PWM
FSEL
ILIM
UV
OV
VREF + 8/16 %
Delay
Control
PGOOD
VOUT
REFIN_TRK
RSN
RSP
MODE
VSEL
MUX
+
+
External
soft-start
Internal
soft-start
+
+
+
SW
XCON
PVIN
BOOT
PGND
tON
One-Shot
DRGND
VDD
LDO
Regulator
Control
Logic
BP
VREF ± 8/16 %
VREF + 20%
VREF ± 32%
+
+
D-CAP3
TM
Ramp Generator
Switching
Frequency
Programmer
Reference
Generator
ZC
OCP
+
+
x
(1/16)
x
(±1/16)
MODE Logic
Copyright © 2016, Texas Instruments Incorporated
11
TPS548D21
www.ti.com
SLUSCI8 – JULY 2016
Product Folder Links: TPS548D21
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
TPS548D21 device is a high-efficiency, single channel, FET-integrated, synchronous buck converter. It is
suitable for point-of-load applications with 40 A or lower output current in storage, telecomm and similar digital
applications. The device features proprietary D-CAP3 mode control combined with adaptive on-time architecture.
This combination is ideal for building modern high/low duty ratio, ultra-fast load step response DC-DC converters.
TPS548D21 device has integrated MOSFETs rated at 40-A TDC.
The converter input voltage range is from 1.5 V up to 16 V, and the VDD input voltage range is from 4.5 V to
22 V. The output voltage ranges from 0.6 V to 5.5 V.
Stable operation with all ceramic output capacitors is supported, since the D-CAP3 mode uses emulated current
information to control the modulation. An advantage of this control scheme is that it does not require phase
compensation network outside which makes it easy to use and also enables low external component count. from
4 preset values via resistor settings by FSEL pin. Adaptive on-time control tracks the preset switching frequency
over a wide range of input and output voltage while increasing switching frequency as needed during load step
transient.
7.2 Functional Block Diagram


유사한 부품 번호 - TPS548D21

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS548D22 TI1-TPS548D22 Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
TPS548D22RVFR TI1-TPS548D22RVFR Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
TPS548D22RVFT TI1-TPS548D22RVFT Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
TPS548D26 TI1-TPS548D26 Datasheet
3Mb / 35P
[Old version datasheet]   TPS548D26 4-V to 16-V Input, 40-A Synchronous Buck Converter With Differential Remote Sense
NOVEMBER 2023
TPS548D26 TI1-TPS548D26 Datasheet
2Mb / 40P
[Old version datasheet]   TPS548D26 4V to 16V Input, 40A Synchronous Buck Converter With Differential Remote Sense
FEBRUARY 2024
More results

유사한 설명 - TPS548D21

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS549D22 TI1-TPS549D22 Datasheet
8Mb / 63P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter with Full Differential Sense and PMBus
TPS548B22 TI1-TPS548B22 Datasheet
4Mb / 45P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter with Full Differential Sense
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com