전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FWSF-D-40-M 데이터시트(PDF) 3 Page - Finisar Corporation.

부품명 FWSF-D-40-M
상세설명  40 channels 100G DWDM MUX/DEMUX Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FINISAR [Finisar Corporation.]
홈페이지  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWSF-D-40-M 데이터시트(HTML) 3 Page - Finisar Corporation.

  FWSF-D-40-M Datasheet HTML 1Page - Finisar Corporation. FWSF-D-40-M Datasheet HTML 2Page - Finisar Corporation. FWSF-D-40-M Datasheet HTML 3Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Finisar WuXi Inc.
Lot Z3-1, Wuxi Export Processing Zone, Wuxi New District,
WuXi,
Jiangsu Province, China 214028
Main: +86-510-68007800
Fax: +86-510-68007900
Finisar Corporation
1308 Moffett Park Drive, Sunnyvale, CA 94089-1133, USA
Main: (408) 548-1000 Fax: (408)543-0083
Email: sales@finisar.com
Website: www.finisar.com
Mar. 15 Rev. A
Package Type
1RU 19
’’ Rack
Adapter type
Duplex LC/UPC
Mechanical Packaging:
Panel Label:
PN Information:
FWSF-D-40-M/D-R-LC DWDM,40CH,MUX/DEMUX MODULE,1RU 19'' RACK,LC


유사한 부품 번호 - FWSF-D-40-M

제조업체부품명데이터시트상세설명
logo
Finisar Corporation.
FWSF-CHASSIS-2 FINISAR-FWSF-CHASSIS-2 Datasheet
67Kb / 1P
   WDM FWSF-CHASSIS-2
FWSF-M FINISAR-FWSF-M Datasheet
236Kb / 2P
   CWDM MUX/DEMUX-8 w/TAP Plug-in Module
FWSF-M-D-1550-CWDM FINISAR-FWSF-M-D-1550-CWDM Datasheet
183Kb / 2P
   1550/CWDM MUX/DEMUX Plug-in Module
FWSF-M-D-1550-CWDM-LC FINISAR-FWSF-M-D-1550-CWDM-LC Datasheet
183Kb / 2P
   1550/CWDM MUX/DEMUX Plug-in Module
FWSF-M-D-4-EX FINISAR-FWSF-M-D-4-EX Datasheet
162Kb / 2P
   CWDM MUX/DEMUX-4-EX Plug-in Module
More results

유사한 설명 - FWSF-D-40-M

제조업체부품명데이터시트상세설명
logo
Bookham, Inc.
MM1C4020029 BOOKHAM-MM1C4020029 Datasheet
300Kb / 3P
   40 Channel Mux/Demux with 100GHz Channels
logo
JDS Uniphase Corporatio...
MDX-13MX2001A JDSU-MDX-13MX2001A Datasheet
140Kb / 3P
   13 Channel DWDM Multiplexer/Demultiplexer (Mux/Demux)
logo
Finisar Corporation.
M-DF-8-LC FINISAR-M-DF-8-LC Datasheet
126Kb / 2P
   CWDM MUX/DEMUX-8 Optibox??Module
logo
Bookham, Inc.
MD1C08XX0289 BOOKHAM-MD1C08XX0289 Datasheet
219Kb / 3P
   8 Channel Mux/Demux with low-loss express; 100GHz Channels
MM1C1020290 BOOKHAM-MM1C1020290 Datasheet
481Kb / 3P
   10 Channel Mux/Demux with low-loss express; 100GHz Channels
logo
Pericom Semiconductor C...
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
   DeMux/Mux NanoSwitch
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
   Mux/DeMux NanoSwitch?
logo
Finisar Corporation.
FWSF-M-D-1550-CWDM FINISAR-FWSF-M-D-1550-CWDM Datasheet
183Kb / 2P
   1550/CWDM MUX/DEMUX Plug-in Module
M-DF-4-EX-LC FINISAR-M-DF-4-EX-LC Datasheet
128Kb / 2P
   CWDM MUX/DEMUX-4-EX Optibox Module
M-DF-4-2-LC FINISAR-M-DF-4-2-LC Datasheet
120Kb / 2P
   CWDM MUX/DEMUX-4-2 Optibox Module
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com