전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM26C31CNSRG4 데이터시트(PDF) 9 Page - Texas Instruments

부품명 AM26C31CNSRG4
상세설명  AM26C31 Quadruple Differential Line Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C31CNSRG4 데이터시트(HTML) 9 Page - Texas Instruments

Back Button AM26C31CNSRG4 Datasheet HTML 5Page - Texas Instruments AM26C31CNSRG4 Datasheet HTML 6Page - Texas Instruments AM26C31CNSRG4 Datasheet HTML 7Page - Texas Instruments AM26C31CNSRG4 Datasheet HTML 8Page - Texas Instruments AM26C31CNSRG4 Datasheet HTML 9Page - Texas Instruments AM26C31CNSRG4 Datasheet HTML 10Page - Texas Instruments AM26C31CNSRG4 Datasheet HTML 11Page - Texas Instruments AM26C31CNSRG4 Datasheet HTML 12Page - Texas Instruments AM26C31CNSRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Enable G Input
(see Note C)
Output WIth
0 V to A Input
VOL + 0.3 V
tPLZ
tPHZ
tPZH
tPZL
C3 =
40 pF
C2 =
40 pF
C1 =
40 pF
Input A
50 Ω
50 Ω
500 Ω
TEST CIRCUIT
VOLTAGE WAVEFORMS
3 V
0 V
1.5 V
VOL
VOH
VOH - 0.3 V
1.5 V
See Note A
G
G
Enable G Input
Output
Output
Output WIth
3 V to A Input
Enable Inputs
(see Note B)
0 V
3 V
1.5 V
S1
1.3 V1.3 V
2 V
0.8 V
9
AM26C31
www.ti.com
SLLS103O – DECEMBER 1990 – REVISED JUNE 2016
Product Folder Links: AM26C31
Submit Documentation Feedback
Copyright © 1990–2016, Texas Instruments Incorporated
Parameter Measurement Information (continued)
Figure 4. Differential-Output Rise- and Fall-Time Waveforms and Test Circuit
A.
C1, C2, and C3 include probe and jig capacitance.
B.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, duty cycle ≤ 50%, and
tr, tf ≤ 6 ns.
C.
Each enable is tested separately.
Figure 5. Output Enable and Disable Time Waveforms and Test Circuit


유사한 부품 번호 - AM26C31CNSRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM26C31CNSRG4 TI-AM26C31CNSRG4 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31CNSRG4 TI-AM26C31CNSRG4 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results

유사한 설명 - AM26C31CNSRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com