전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS54810PWPG4 데이터시트(PDF) 9 Page - Texas Instruments

부품명 TPS54810PWPG4
상세설명  4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54810PWPG4 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPS54810PWPG4 Datasheet HTML 5Page - Texas Instruments TPS54810PWPG4 Datasheet HTML 6Page - Texas Instruments TPS54810PWPG4 Datasheet HTML 7Page - Texas Instruments TPS54810PWPG4 Datasheet HTML 8Page - Texas Instruments TPS54810PWPG4 Datasheet HTML 9Page - Texas Instruments TPS54810PWPG4 Datasheet HTML 10Page - Texas Instruments TPS54810PWPG4 Datasheet HTML 11Page - Texas Instruments TPS54810PWPG4 Datasheet HTML 12Page - Texas Instruments TPS54810PWPG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TPS54810
SLVS420B − MARCH 2002 − R EVISED FEBRUARY 2005
www.ti.com
9
PCB LAYOUT
Figure 10 shows a generalized PCB layout guide for the
TPS54810
The VIN pins are connected together on the printed-circuit
board (PCB)
and
bypassed
with
a
low-ESR
ceramic-bypass capacitor. Care should be taken to
minimize the loop area formed by the bypass capacitor
connections, the VIN pins, and the TPS54810 ground
pins. The minimum recommended bypass capacitance is
10-µF ceramic capacitor with a X5R or X7R dielectric and
the optimum placement is closest to the VIN pins and the
PGND pins.
The TPS54810 has two internal grounds (analog and
power). Inside the TPS54810, the analog ground ties to all
of the noise sensitive signals, while the power ground ties
to the noisier power signals. Noise injected between the
two grounds can degrade the performance of the
TPS54810, particularly at higher output currents. Ground
noise on an analog ground plane can also cause problems
with some of the control and bias signals. For these
reasons, separate analog and power ground traces are
recommended. There is an area of ground on the top layer
directly under the IC, with an exposed area for connection
to the PowerPAD. Use vias to connect this ground area to
any internal ground planes. Additional vias are also used
at the ground side of the input and output filter capacitors.
The AGND and PGND pins are tied to the PCB ground by
connecting them to the ground area under the device as
shown. The only components that tie directly to the power
ground plane are the input capacitors, the output
capacitors, the input voltage decoupling capacitor, and the
PGND pins of the TPS54810. Use a separate wide trace
for the analog ground signal path. The analog ground is
used for the voltage set point divider, timing resistor RT,
slow-start capacitor and bias capacitor grounds. Connect
this trace directly to AGND (Pin 1).
The PH pins are tied together and routed to the output
inductor. Since the PH connection is the switching node,
the inductor is located close to the PH pins. The area of the
PCB conductor is minimized to prevent excessive
capacitive coupling.
Connect the boot capacitor between the phase node and
the BOOT pin as shown Keep the boot capacitor close to
the IC and minimize the conductor trace lengths.
Connect the output filter capacitor(s) as shown between
the VOUT trace and PGND. It is important to keep the loop
formed by the PH pins, LOUT, COUT and PGND as small as
practical.
Place the compensation components from the VOUT trace
to the VSENSE and COMP pins. Do not place these
components too close to the PH trace. Due to the size of
the IC package and the device pin-out, they must be routed
close, but maintain as much separation as possible while
still keeping the layout compact.
Connect the bias capacitor from the VBIAS pin to analog
ground using the isolated analog ground trace. If a
slow-start capacitor or RT resistor is used, or if the SYNC
pin is used to select 350-kHz operating frequency, connect
them to this trace.


유사한 부품 번호 - TPS54810PWPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54810PWP TI-TPS54810PWP Datasheet
214Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
More results

유사한 설명 - TPS54810PWPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54810 TI-TPS54810 Datasheet
214Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810 TI-TPS54810_15 Datasheet
726Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS (SWIFT??
TPS54880 TI1-TPS54880_16 Datasheet
769Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com