전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS54810PWPRG4 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TPS54810PWPRG4
상세설명  4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54810PWPRG4 데이터시트(HTML) 1 Page - Texas Instruments

  TPS54810PWPRG4 Datasheet HTML 1Page - Texas Instruments TPS54810PWPRG4 Datasheet HTML 2Page - Texas Instruments TPS54810PWPRG4 Datasheet HTML 3Page - Texas Instruments TPS54810PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS54810PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS54810PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS54810PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS54810PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS54810PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TPS54810
SLVS420B − MARCH 2002 − R EVISED FEBRUARY 2005
4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM
SWITCHER WITH INTEGRATED FETS (SWIFT
™)
6,4 mm X 9,7 mm
FEATURES
D 30-mΩ MOSFET Switches for High Efficiency
at 8-A Continuous Output
D 0.9-V to 3.3-V Adjustable Output Voltage
Range With 1% Accuracy
D Externally Compensated
D Fast Transient Response
D Wide PWM Frequency:
Fixed 350 kHz, 550 kHz or
Adjustable 280 kHz to 700 kHz
D Load Protected by Peak Current Limit and
Thermal Shutdown
D Integrated Solution Reduces Board Area and
Total Cost
APPLICATIONS
D Low-Voltage, High-Density Systems With
Power Distributed at 5 V
D Point of Load Regulation for High
Performance DSPs, FPGAs, ASICs and
Microprocessors
D Broadband, Networking, and Optical
Communications Infrastructure
D Portable Computing/Notebook PCs
DESCRIPTION
As a member of the SWIFT™ family of dc/dc regulators,
the TPS54810 low-input voltage high-output current
synchronous buck PWM converter integrates all
required active components. Included on the substrate
with the listed features are a true, high performance,
voltage error amplifier that enables maximum
performance under transient conditions and flexibility in
choosing the output filter L and C components; an
under-voltage-lockout circuit to prevent start-up until
the input voltage reaches 3.8 V; an internally or
externally set slow-start circuit to limit in-rush currents;
and a power good output useful for processor/logic
reset, fault signaling, and supply sequencing.
The TPS54810 is available in a thermally enhanced
28-pin TSSOP (PWP) PowerPAD™ package, which
eliminates bulky heatsinks. TI provides evaluation
modules and the SWIFT™ designer software tool to aid
in quickly achieving high-performance power supply
designs to meet aggressive equipment development
cycles.
VSENSE
VIN
PH
BOOT
PGND
Output
COMP
AGND
VBIAS
Input
TPS54810
SIMPLIFIED SCHEMATIC
VSENSE
Compensation Network
IL − Load Current − A
EFFICIENCY AT 700 HZ
50
55
60
65
70
75
80
85
90
95
100
01
234
5
6
7
8
9
10
VI = 5 V
VO = 3.3 V
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Copyright © 2002, Texas Instruments Incorporated
PowerPAD and SWIFT are trademarks of Texas Instruments.


유사한 부품 번호 - TPS54810PWPRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54810PWP TI-TPS54810PWP Datasheet
214Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
More results

유사한 설명 - TPS54810PWPRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54810 TI-TPS54810 Datasheet
214Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810 TI-TPS54810_15 Datasheet
726Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS (SWIFT??
TPS54880 TI1-TPS54880_16 Datasheet
769Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com