전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS54873PWP 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS54873PWP
상세설명  4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54873PWP 데이터시트(HTML) 2 Page - Texas Instruments

  TPS54873PWP Datasheet HTML 1Page - Texas Instruments TPS54873PWP Datasheet HTML 2Page - Texas Instruments TPS54873PWP Datasheet HTML 3Page - Texas Instruments TPS54873PWP Datasheet HTML 4Page - Texas Instruments TPS54873PWP Datasheet HTML 5Page - Texas Instruments TPS54873PWP Datasheet HTML 6Page - Texas Instruments TPS54873PWP Datasheet HTML 7Page - Texas Instruments TPS54873PWP Datasheet HTML 8Page - Texas Instruments TPS54873PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPS54873
SLVS444A − OCTOBER 2002 − REVISED FEBRUARY 2005
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
OUTPUT VOLTAGE
PACKAGE
PART NUMBER
−40°C to 85°C
0.9 V to 3.3 V
Plastic HTSSOP (PWP)(1)
TPS54873PWP
(1) The PWP package is also available taped and reeled. Add an R suffix to the device type (i.e., TPS54873PWPR). See the application section of
the data sheet for PowerPAD drawing and layout information.
(2) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at
www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
TPS54873
VIN, SS/ENA, SYNC
−0.3 V to 7 V
Input voltage range V
RT
−0.3 V to 6 V
Input voltage range, VI
VSENSE
−0.3 V to 4V
BOOT
−0.3 V to 17 V
Output voltage range V
VBIAS, COMP, PWRGD
−0.3 V to 7 V
Output voltage range, VO
PH
−0.6 V to 10 V
Source current I
PH
Internally limited
Source current, IO
COMP, VBIAS
6 mA
PH
12 A
Sink current, IS
COMP
6 mA
Sink current, IS
SS/ENA, PWRGD
10 mA
Voltage differential
AGND to PGND
±0.3 V
Operating virtual junction temperature range, TJ
−40°C to 125°C
Storage temperature, Tstg
−65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN NOM MAX UNIT
Input voltage, VI
4
6
V
Operating junction temperature, TJ
−40
125
°C
DISSIPATION RATINGS(1)(2)
PACKAGE
THERMAL IMPEDANCE
JUNCTION-TO-AMBIENT
TA =25°C
POWER RATING
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
28 Pin PWP with solder
18.2 °C/W
5.49 W(3)
3.02 W
2.20 W
28 Pin PWP without solder
40.5 °C/W
2.48 W
1.36 W
0.99 W
(1) For more information on the PWP package, refer to TI technical brief, literature number SLMA002.
(2) Test board conditions:
1. 3” x 3”, 4 layers, thickness: 0.062”
2. 1.5 oz. copper traces located on the top of the PCB
3. 1.5 oz. copper ground plane on the bottom of the PCB
4. 0.5 oz. copper ground planes on the 2 internal layers
5. 12 thermal vias (see “Recommended Land Pattern” in applications section of this data sheet)
(3) Maximum power dissipation may be limited by over current protection.


유사한 부품 번호 - TPS54873PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54873PWP TI-TPS54873PWP Datasheet
163Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873PWP TI-TPS54873PWP Datasheet
282Kb / 10P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873PWPR TI-TPS54873PWPR Datasheet
282Kb / 10P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
More results

유사한 설명 - TPS54873PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54873 TI-TPS54873_15 Datasheet
697Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873PWP TI-TPS54873PWP Datasheet
282Kb / 10P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873 TI-TPS54873 Datasheet
163Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54673 TI-TPS54673_15 Datasheet
669Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373_15 Datasheet
701Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373 Datasheet
259Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT,3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973 Datasheet
282Kb / 10P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973_15 Datasheet
695Kb / 23P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54073 TI-TPS54073 Datasheet
1Mb / 23P
[Old version datasheet]   2.2 - 4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54073 TI1-TPS54073_16 Datasheet
666Kb / 25P
[Old version datasheet]   2.2 ??4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com