전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS54873PWPR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS54873PWPR
상세설명  4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54873PWPR 데이터시트(HTML) 1 Page - Texas Instruments

  TPS54873PWPR Datasheet HTML 1Page - Texas Instruments TPS54873PWPR Datasheet HTML 2Page - Texas Instruments TPS54873PWPR Datasheet HTML 3Page - Texas Instruments TPS54873PWPR Datasheet HTML 4Page - Texas Instruments TPS54873PWPR Datasheet HTML 5Page - Texas Instruments TPS54873PWPR Datasheet HTML 6Page - Texas Instruments TPS54873PWPR Datasheet HTML 7Page - Texas Instruments TPS54873PWPR Datasheet HTML 8Page - Texas Instruments TPS54873PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TPS54873
SLVS444A − OCTOBER 2002 − REVISED FEBRUARY 2005
4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK
SWITCHER WITH DISABLED SINKING DURING START-UP
6,4 mm X 9,7 mm
Typical Size
FEATURES
D 30-mΩ, 12-A Peak MOSFET Switches for High
Efficiency at 8-A Continuous Output Source
or Sink Current
D Disabled Current Sinking During Start-Up
D 0.9-V to 3.3-V Adjustable Output Voltage
Range With 1.0% Accuracy
D Wide PWM Frequency:
Fixed 350 kHz, 550 kHz or
Adjustable 280 kHz to 700 kHz
D Synchronizable to 700 kHz
D Load Protected by Peak Current Limit and
Thermal Shutdown
D Integrated Solution Reduces Board Area and
Component Count
APPLICATIONS
D Low-Voltage, High-Density Distributed Power
Systems
D Point of Load Regulation for High
Performance DSPs, FPGAs, ASICs and
Microprocessors
D Broadband, Networking and Optical
Communications Infrastructure
D Power PC Series Processors
DESCRIPTION
As a member of the SWIFT™ family of dc/dc regulators,
the TPS54873 low-input voltage high-output current
synchronous buck PWM converter integrates all
required active components. Included on the substrate
with the listed features are a true, high performance,
voltage error amplifier that enables maximum
performance and flexibility in choosing the output filter
L and C components; an under-voltage-lockout circuit
to prevent start-up until the input voltage reaches 4 V;
an internally or externally set slow-start circuit to limit
inrush currents; and a power good output useful for
processor/logic reset, fault signaling, and supply
sequencing.
For reliable power up in output precharge applications,
the TPS54873 is designed to only source current during
startup.
The TPS54873 is available in a thermally enhanced
28-pin TSSOP (PWP) PowerPAD™ package, which
eliminates bulky heatsinks. TI provides evaluation
modules and the SWIFT™ designer software tool to aid
in quickly achieving high-performance power supply
designs to meet aggressive equipment development
cycles.
TYPICAL APPLICATION
VIN
PH
BOOT
PGND
VSENSE
Core Supply
COMP
AGND
VBIAS
I/O Supply
TPS54873
**
* Optional
5.0 ms/div
START-UP WAVEFORM
VO = 3.3 V
**
VI = 5 V
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
PowerPAD and SWIFT are trademarks of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright © 2002, Texas Instruments Incorporated


유사한 부품 번호 - TPS54873PWPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54873PWPR TI-TPS54873PWPR Datasheet
282Kb / 10P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
More results

유사한 설명 - TPS54873PWPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54873 TI-TPS54873_15 Datasheet
697Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873PWP TI-TPS54873PWP Datasheet
282Kb / 10P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873 TI-TPS54873 Datasheet
163Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54673 TI-TPS54673_15 Datasheet
669Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373_15 Datasheet
701Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373 Datasheet
259Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT,3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973 Datasheet
282Kb / 10P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973_15 Datasheet
695Kb / 23P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54073 TI-TPS54073 Datasheet
1Mb / 23P
[Old version datasheet]   2.2 - 4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54073 TI1-TPS54073_16 Datasheet
666Kb / 25P
[Old version datasheet]   2.2 ??4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com