전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS5510P 데이터시트(PDF) 2 Page - Texas Instruments

부품명 TPS5510P
상세설명  3-CHANNEL POWER SUPPLY SUPERVISOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5510P 데이터시트(HTML) 2 Page - Texas Instruments

  TPS5510P Datasheet HTML 1Page - Texas Instruments TPS5510P Datasheet HTML 2Page - Texas Instruments TPS5510P Datasheet HTML 3Page - Texas Instruments TPS5510P Datasheet HTML 4Page - Texas Instruments TPS5510P Datasheet HTML 5Page - Texas Instruments TPS5510P Datasheet HTML 6Page - Texas Instruments TPS5510P Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPS5510
3-CHANNEL POWER SUPPLY SUPERVISOR
SLVS168 – JULY 1998
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
PSON
FPO
VCC
VS5
+
RI = 200 kΩ
+
RI = 100 kΩ
+
RI = 100 kΩ
73
µs
Debounce
+
+
+
75 ms
Delay
Counter
73
µs
Debounce
300 ms
Delay
Counter
38 ms
Debounce
Q
R
S
OSC
73
µs
Debounce
POR
Vreg
Bandgap
Reference
VCC
VCCI = 3.6 V
Reset
Vref
1.192 V
RTT
RST
Reset
Reset
R
R
R
Pull-High
Resistor
PGO
VCCI
R
EN
R
EN
RST
5 UV
3.3 UV
3.3 OV
5 OV
Vref
Vref
Vref
Vref
Vref
Vref
RST
12 OV
VS33
PGI
VCC
Reset
Derminent
Latch
RTT
150
µA


유사한 부품 번호 - TPS5510P

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS5510P TI-TPS5510P Datasheet
91Kb / 6P
[Old version datasheet]   3-CHANNEL POWER SUPPLY SUPERVISOR
More results

유사한 설명 - TPS5510P

제조업체부품명데이터시트상세설명
logo
Anpec Electronics Corop...
APW1680 ANPEC-APW1680 Datasheet
84Kb / 7P
   3-Channel Power Supply Supervisor
APW1681 ANPEC-APW1681 Datasheet
82Kb / 7P
   3-Channel Power Supply Supervisor
logo
Texas Instruments
TPS5511 TI-TPS5511 Datasheet
118Kb / 8P
[Old version datasheet]   3-CHANNEL POWER SUPPLY SUPERVISOR
TPS5510 TI-TPS5510 Datasheet
91Kb / 6P
[Old version datasheet]   3-CHANNEL POWER SUPPLY SUPERVISOR
logo
Anpec Electronics Corop...
APW1683 ANPEC-APW1683 Datasheet
84Kb / 7P
   3-Channel Power Supply Supervisor
logo
Advanced Analog Technol...
AAT1014 AAT-AAT1014 Datasheet
136Kb / 11P
   3-CHANNEL PC POWER SUPPLY SUPERVISOR
AAT1015 AAT-AAT1015 Datasheet
130Kb / 11P
   3-CHANNEL PC POWER SUPPLY SUPERVISOR
logo
Grenergy Opto, lnc.
GR8313 GRENERGY-GR8313 Datasheet
729Kb / 10P
   3-Channel Supervisor IC for Power Supply
logo
IMP, Inc
IMP809 IMP-IMP809 Datasheet
167Kb / 7P
   3-Pin Microcontroller Power Supply Supervisor
IMP6303 IMP-IMP6303 Datasheet
144Kb / 8P
   3-Pin Microcontroller Power Supply Supervisor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com